Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA120(C)A Datasheet(PDF) 4 Page - Frontier Electronics.

No. de pieza SA120(C)A
Descripción Electrónicos  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SA120(C)A Datasheet(HTML) 4 Page - Frontier Electronics.

  SA120(C)A Datasheet HTML 1Page - Frontier Electronics. SA120(C)A Datasheet HTML 2Page - Frontier Electronics. SA120(C)A Datasheet HTML 3Page - Frontier Electronics. SA120(C)A Datasheet HTML 4Page - Frontier Electronics. SA120(C)A Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SA5.0(C) THRU SA170(C)A
Page: 4
RATINGS AND CHRACTERISTIC CURVES SA5.0(C) THRU SA170(C)A
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7 1.0
2.0
3.0 4.05.0 7.0 10
20
30 40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
8
×20 lmpulse
△ Vc=Vc-V
(BR)
SA170
SA30
SA40
SA12
SA15
SA18
SA24
SA9.0
SA5.0
SA54
SA70
SA110
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7
1.0 2.0 3.0
4.0 5.0 7.0
10
20 30
40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
10
×1000 lmpulse
△ Vc=Vc-V
(BR)
SA170
SA40
SA24
SA15
SA5.0
SA9.0
SA70
SA110
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7 1.0
2.0 3.0 4.0 5.0 7.0
10
20 30
40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
8
×20 lmpulse
△ Vc=Vc-V
(BR)
SA170C
SA6.5C
SA9.0C
SA15C
SA24C
SA30C
SA40C
SA60C
SA70C
SA110C
FIG. 10 - INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7 1.0
2.0 3.0 4.0 5.0 7.0
10
20 30
40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
10
×1000 lmpulse
△ Vc=Vc-V
(BR)
SA170C
SA24C
SA6.5C
SA9.0C
SA15C
SA40C
SA70C
SA110C


Número de pieza similar - SA120(C)A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
SA120(C)A FORMOSA-SA120(C)A Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
Frontier Electronics.
SA120(C)A-LFR FRONTIER-SA120(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SA120(C)A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com