Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB2080CT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SB2080CT
Descripción Electrónicos  20A Dual Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB2080CT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB2080CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB2080CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
Schottky Barrier Chip
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
!
Low Reverse Leakage Current
!
High Surge Current Capability
!
Plastic Material has UL Flammability
Classification 94V-O
!
Case: TO-220AB, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: See Diagram
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
2020CT
SB
2030CT
SB
2040CT
SB
2045CT
SB
2050CT
SB
2060CT
SB
2080CT
SB
20100CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 95°C
IO
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 10A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB2020CT-SB20100CT
20A Dual Schottky Barrier Rectifier
Features
Mechanical Data
1
3
2
10.2± 0.2
? 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
TO-220AB
Dimensions in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - SB2080CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB2080CT PANJIT-SB2080CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB2080CT WTE-SB2080CT Datasheet
39Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SB2080CT MCC-SB2080CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Won-Top Electronics
SB2080CT WTE-SB2080CT Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2080CT PANJIT-SB2080CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB2080CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB2020CT WTE-SB2020CT_06 Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT_06 Datasheet
50Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com