Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS88 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SS88
Descripción Electrónicos  Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SS88 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SS88 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS88 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
o
Ratings at 25 C ambient temperature unless otherwise specified
Resistive or inductive load
NOTES
1. Pulse test with PW=300 sec, 1% duty cycle
2
2. Mounted on P.C.Board with 8mm (0.13mm think) copper pad areas
SYMBOL
SS83
SS84
SS85
SS86
SS88
SS82
SS810
UNITS
Volts
Volts
Volts
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
VRRM
VRMS
VDC
I(AV)
8.0
Amps
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Amps
150
IFSM
Maximum Instantaneous Forward Voltage at 8.0A
VF
0.55
0.75
0.85
0
Maximum DC Reverse Current T A=25 C
0
at Rated DC Blocking Voltage TA=100 C
IR
1.0
20
mA
Volts
Maximum Thermal Resistance (NOTE 2)
R JA
R JL
75
20
0C / W
Operating Junction Temprature Range
Storage and Operating Temperature Range
TJ
TSTG
-55 to +150
-50 to +125
0C
0C
20
30
40
50
60
80
100
Maximum Average Forward Current .375 (9.5mm) lead
0
length at TL =75 C
20
30
40
50
60
80
100
14
21
28
35
42
56
70
Dimensions in inches and (millimeters)
DO-214AB
0.006 (0.152)
0.012 (0.305)
0.030 (0.75)
0.060 (1.52)
0.008 (0.203)
0.305 (7.64)
0.320 (8.13)
0.260 (6.52)
0.280 (7.11)
0.079 (1.98)
0.103 (2.62)
0.220 (5.52)
0.245 (6.22)
0.128 (3.25)
0.108 (2.75)
MAX.
DO-214AB(SMC)
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
EXTREMELY LOW VF
MAJORITY CARRIER CONDUCTION
HIGH TEMPERATURE SOLDERING:260℃//10 SECONDS
AT TERMINALS
CASE:
TERMINALS:SOLDER PLATED
POLARITY:INDICATED BY CATHODE BAND
WEIGHT:0.22GRAMS
Reverse Voltage - 20 to 100 Volts
Forward Current - 8.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SS82-SS810
Surface Mount Schottky Barrier Rectifier
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - SS88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
SS88 FORMOSA-SS88 Datasheet
122Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SS88 CHENDA-SS88 Datasheet
868Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS88 DGNJDZ-SS88 Datasheet
703Kb / 3P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS88 DGNJDZ-SS88 Datasheet
703Kb / 3P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS88 DGNJDZ-SS88 Datasheet
703Kb / 3P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Descripción similar - SS88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com