Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS39A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SS39A
Descripción Electrónicos  3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SS39A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SS39A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS39A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 46 -
Features
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: JEDEC
SMA/DO-214AC Molded plastic
Terminals: Pure tin plated, lead free
Polarity: Indicated by cathode band
Weight: 0.
064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SS
32A
SS
33A
SS
34A
SS
35A
SS
36A
SS
39A
SS
310A
SS
320A
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
1
40
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
200
V
Maximum Average Forward Rectified
Current at TL(See Fig. 1)
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
70
A
Maximum Instantaneous Forward Voltage
(Note 1)
IF= 3.0A
@ 25
oC
@ 100
oC
VF
0.5
0.4
0.75
0.65
0.85
0.70
0.95
0.80
V
0.5
0.1
Maximum DC Reverse Current
@ TA =25
oC at
Rated DC Blocking Voltage
@ TA=125
oC
IR
10
5
0.5
mA
mA
Operating Temperature Range
TJ
-55 to +125
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
SS32A - SS320A
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
SMA/DO-214AC
Typical Thermal Resistance ( Note 2 )
R ΘJL
R θJA
28
88
oC/W
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - SS39A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
SS39A TAITRON-SS39A Datasheet
202Kb / 4P
   3.0A Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS39A YANGJIE-SS39A Datasheet
174Kb / 2P
   Schottky Rectifier
logo
Shenzhen Luguang Electr...
SS39A LUGUANG-SS39A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS39A LUGUANG-SS39A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS39A LUGUANG-SS39A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SS39A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
SK32B TSC-SK32B Datasheet
56Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS32 YANGJIE-SS32 Datasheet
768Kb / 2P
   3.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SK32 LUGUANG-SK32 Datasheet
147Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B LUGUANG-SK32B Datasheet
264Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_1 Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_1 Datasheet
258Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL32A TSC-SKL32A Datasheet
52Kb / 3P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com