Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL4066BD Datasheet(PDF) 5 Page - System Logic Semiconductor

No. de pieza SL4066BD
Descripción Electrónicos  Quad Bilateral Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SLS [System Logic Semiconductor]
Página de inicio  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4066BD Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL4066BD Datasheet HTML 1Page - System Logic Semiconductor SL4066BD Datasheet HTML 2Page - System Logic Semiconductor SL4066BD Datasheet HTML 3Page - System Logic Semiconductor SL4066BD Datasheet HTML 4Page - System Logic Semiconductor SL4066BD Datasheet HTML 5Page - System Logic Semiconductor SL4066BD Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SL4066B
System Logic
Semiconductor
SLS
Switch Input
Switch Output,
IIS (mA)
VOS (V)
VCC (V)
VIS (V)
-55
°C
+25
°C
+125
°C
Min
Max
5
5
0
5
0.64
-0.64
0.51
-0.51
0.36
-0.36
-
4.6
0.4
-
10
10
0
10
1.6
-1.6
1.3
-1.3
0.9
-0.9
-
9.5
0.5
-
15
15
0
15
4.2
-4.2
3.4
-3.4
2.4
-2.4
-
13.5
1.5
-
Figure 1. Schematic diagram of 1 of 4 identical switches and its associated control circuitry.
GND
≤ V
IS
≤ V
CC


Número de pieza similar - SL4066BD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
SL4060BD SLS-SL4060BD Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
SL4060BN SLS-SL4060BN Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
SL4069UB SLS-SL4069UB Datasheet
30Kb / 4P
   Hex Inverter
SL4069UBD SLS-SL4069UBD Datasheet
30Kb / 4P
   Hex Inverter
More results

Descripción similar - SL4066BD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com