Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADR392A Datasheet(PDF) 1 Page - Analog Devices |
|
ADR392A Datasheet(HTML) 1 Page - Analog Devices |
1 / 20 page Micropower, Low Noise Precision Voltage References with Shutdown ADR391/ADR392/ADR395 Rev. H Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2002–2009 Analog Devices, Inc. All rights reserved. FEATURES Compact 5-lead TSOT package Low temperature coefficient B grade: 9 ppm/°C A grade: 25 ppm/°C Initial accuracy B grade: ±4 mV maximum (ADR391) A grade: ±6 mV maximum Ultralow output noise: 5 μV p-p (0.1 Hz to 10 Hz) Low dropout: 300 mV Low supply current 3 μA maximum in shutdown 140 μA maximum in operation No external capacitor required Output current: 5 mA Automotive grade available Wide temperature range: −40°C to +125°C APPLICATIONS Battery-powered instrumentation Portable medical instrumentation Data acquisition systems Industrial process controls Automotive PIN CONFIGURATION 1 2 3 5 4 GND SHDN VOUT (SENSE) VOUT (FORCE) VIN ADR391/ ADR392/ ADR395 (Not to Scale) Figure 1. 5-Lead TSOT (UJ Suffix) Table 1. Model Output Voltage (VO) Temperature Coefficient (ppm/°C) Accuracy (mV) ADR391B 2.5 9 ±4 ADR391A 2.5 25 ±6 ADR392B 4.096 9 ±5 ADR392A 4.096 25 ±6 ADR395B 5.0 9 ±5 ADR395A 5.0 25 ±6 GENERAL DESCRIPTION The ADR391/ADR392/ADR395 are precision 2.048 V, 2.5 V, 4.096 V, and 5 V band gap voltage references, respectively, featuring low power and high precision in a tiny footprint. Using patented temperature drift curvature correction techniques from Analog Devices, Inc., the ADR39x references achieve a low 9 ppm/°C of temperature drift in the TSOT package. The ADR39x family of micropower, low dropout voltage references provides a stable output voltage from a minimum supply of 300 mV above the output. Their advanced design eliminates the need for external capacitors, which further reduces board space and system cost. The combination of low power operation, small size, and ease of use makes the ADR39x precision voltage references ideally suited for battery-operated applications. |
Número de pieza similar - ADR392A |
|
Descripción similar - ADR392A |