Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5672 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5672
Descripción Electrónicos  DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672 Datasheet(HTML) 5 Page - Texas Instruments

  DAC5672 Datasheet HTML 1Page - Texas Instruments DAC5672 Datasheet HTML 2Page - Texas Instruments DAC5672 Datasheet HTML 3Page - Texas Instruments DAC5672 Datasheet HTML 4Page - Texas Instruments DAC5672 Datasheet HTML 5Page - Texas Instruments DAC5672 Datasheet HTML 6Page - Texas Instruments DAC5672 Datasheet HTML 7Page - Texas Instruments DAC5672 Datasheet HTML 8Page - Texas Instruments DAC5672 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DAC5672
www.ti.com
SLAS440C – NOVEMBER 2004 – REVISED DECEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
over TA, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RI
Input resistance
1
M
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
2
FSR/°C
ppm of
With external reference
±20
FSR/°C
Gain drift
ppm of
With internal reference
±40
FSR/°C
Reference voltage drift
±20
ppm/°C
ELECTRICAL CHARACTERISTICS
over TA, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz, independent gain set mode (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load
75
90
mA
resistor
IAVDD
Supply current, analog
Sleep mode with clock
2.5
6
mA
Sleep mode without clock
2.5
mA
25
38
mA
IDVDD
Supply current, digital
Sleep mode with clock
13.4
18
mA
Sleep mode without clock
0.6
mA
330
390
Sleep mode with clock
53
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 275 MSPS, fOUT = 20 MHz
350
APSRR
Analog power supply rejection ratio
-0.2
-0.01
0.2
%FSR/V
DPSRR
Digital power supply rejection ratio
-0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
-40
85
°C
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5672


Número de pieza similar - DAC5672

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672AIPFB TI-DAC5672AIPFB Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5672

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com