Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54F175 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza 54F175
Descripción Electrónicos  54F175 74F175 Quad D Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54F175 Datasheet(HTML) 4 Page - Texas Instruments

  54F175 Datasheet HTML 1Page - Texas Instruments 54F175 Datasheet HTML 2Page - Texas Instruments 54F175 Datasheet HTML 3Page - Texas Instruments 54F175 Datasheet HTML 4Page - Texas Instruments 54F175 Datasheet HTML 5Page - Texas Instruments 54F175 Datasheet HTML 6Page - Texas Instruments 54F175 Datasheet HTML 7Page - Texas Instruments 54F175 Datasheet HTML 8Page - Texas Instruments 54F175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
25
IOH eb1mA
Voltage
74F 10% VCC
25
V
Min
IOH eb1mA
74F 5% VCC
27
IOH eb1mA
VOL
Output LOW
54F 10% VCC
05
V
Min
IOL e 20 mA
Voltage
74F 10% VCC
05
IOL e 20 mA
IIH
Input HIGH
54F
200
m
A
Max
VIN e 27V
Current
74F
50
IBVI
Input HIGH Current
54F
100
m
A
Max
VIN e 70V
Breakdown Test
74F
70
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC
Leakage Current
74F
50
VID
Input Leakage
74F
475
V
00
IID e 19 mA
Test
All Other Pins Grounded
IOD
Output Leakage
74F
375
m
A
00
VIOD e 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
b
06
mA
Max
VIN e 05V
IOS
Output Short-Circuit Current
b
60
b
150
mA
Max
VOUT e 0V
ICC
Power Supply Current
225
340
mA
Max
CP e
L
Dn e MR e HIGH
3


Número de pieza similar - 54F175

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
[Old version datasheet]   LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results

Descripción similar - 54F175

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
logo
National Semiconductor ...
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
logo
Texas Instruments
54ACT175 TI1-54ACT175 Datasheet
141Kb / 8P
[Old version datasheet]   Quad D Flip-Flop
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
   Quad D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com