Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11280 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74AC11280
Descripción Electrónicos  9-BIT PARITY GENERATOR/CHECKER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11280 Datasheet(HTML) 1 Page - Texas Instruments

  74AC11280 Datasheet HTML 1Page - Texas Instruments 74AC11280 Datasheet HTML 2Page - Texas Instruments 74AC11280 Datasheet HTML 3Page - Texas Instruments 74AC11280 Datasheet HTML 4Page - Texas Instruments 74AC11280 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74AC11280
9BIT PARITY GENERATOR/CHECKER
SCAS055A − D3201, APRIL 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Generates Either Odd or Even Parity for
Nine Data Lines
Cascadable for n-Bits Parity
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This universal, monolithic, nine-bit parity generator/checker features odd and even outputs to facilitate operation
of either odd or even parity application. The word-length capability is easily expanded by cascading.
The 74AC11280 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
NUMBER OF INPUTS A
OUTPUTS
NUMBER OF INPUTS A
THRU I THAT ARE HIGH
S EVEN
S ODD
0, 2, 4, 6, 8
H
L
1, 3, 5, 7, 9
L
H
1
2
3
4
5
6
7
14
13
12
11
10
9
8
B
A
Σ ODD
GND
Σ EVEN
NC
I
C
D
E
VCC
F
G
H
D OR N PACKAGE
(TOP VIEW)
2k
I
H
G
F
E
D
C
B
A
7
8
9
10
12
13
14
1
2
Σ ODD
Σ EVEN
3
5
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - 74AC11280

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11286 TI-74AC11286 Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
74AC11286 TI1-74AC11286 Datasheet
227Kb / 9P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
NXP Semiconductors
74AC11286D PHILIPS-74AC11286D Datasheet
181Kb / 7P
   9-bit odd/even parity generator/checker with bus drive l/O port
October 17 1990
logo
Texas Instruments
74AC11286D TI1-74AC11286D Datasheet
227Kb / 9P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
74AC11286DR TI-74AC11286DR Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
More results

Descripción similar - 74AC11280

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
   9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
   9-bit Parity Generator/Checker
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
   9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com