Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11593 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza 74AC11593
Descripción Electrónicos  8-BIT BINARY COUNTER WITH 3-STATE I/O INPUT REGISTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11593 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74AC11593 Datasheet HTML 2Page - Texas Instruments 74AC11593 Datasheet HTML 3Page - Texas Instruments 74AC11593 Datasheet HTML 4Page - Texas Instruments 74AC11593 Datasheet HTML 5Page - Texas Instruments 74AC11593 Datasheet HTML 6Page - Texas Instruments 74AC11593 Datasheet HTML 7Page - Texas Instruments 74AC11593 Datasheet HTML 8Page - Texas Instruments 74AC11593 Datasheet HTML 9Page - Texas Instruments 74AC11593 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AC11593
8BIT BINARY COUNTER
WITH 3STATE I/O INPUT REGISTERS
SCAS202 − MARCH 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−6
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CCK or RCK
40
40
MHz
CCK high or low
6
6
RCK high or low
6
6
tw
Pulse duration
RCK high or low
4.5
4.5
ns
tw
Pulse duration
CCLR low
7.5
7.5
ns
CLOAD low
6.1
6.1
CCKEN low before CCK
5.2
5.2
CCKEN high before CCK
6.4
6.4
tsu
Setup time
CCLR high before CCK
1.7
1.7
ns
tsu
Setup time
CLOAD high before CCK
8.2
8.2
ns
RCK
↑ before CLOAD↑{
11.1
11.1
Data A thru H before RCK
2.3
2.3
th
Hold time
Data A thru H after RCK
0.5
0.5
ns
th
Hold time
All others
0.2
0.2
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CCK or RCK
70
70
MHz
CCK high or low
5
5
RCK high or low
5
5
tw
Pulse duration
RCK high or low
4.5
4.5
ns
tw
Pulse duration
CCLR low
5
5
ns
CLOAD low
4.7
4.7
CCKEN low before CCK
3.1
3.1
CCKEN high before CCK
4.3
4.3
tsu
Setup time
CCLR high before CCK
1.1
1.1
ns
tsu
Setup time
CLOAD high before CCK
5.4
5.4
ns
RCK
↑ before CLOAD↑{
7.8
7.8
Data A thru H before RCK
2
2
th
Hold time
Data A thru H after RCK
1.1
1.1
ns
th
Hold time
All others
0.8
0.8
ns
† This time insures the data saved by RCK↑ will also be loaded into the counter.


Número de pieza similar - 74AC11593

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590 TI1-74AC11590 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DW TI-74AC11590DW Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DW TI1-74AC11590DW Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DWR TI-74AC11590DWR Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results

Descripción similar - 74AC11593

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT11593 TI-74ACT11593 Datasheet
122Kb / 8P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
74ACT11593 TI1-74ACT11593_09 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Texas Instruments
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com