Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54AC16646 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza 54AC16646
Descripción Electrónicos  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54AC16646 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 54AC16646 Datasheet HTML 2Page - Texas Instruments 54AC16646 Datasheet HTML 3Page - Texas Instruments 54AC16646 Datasheet HTML 4Page - Texas Instruments 54AC16646 Datasheet HTML 5Page - Texas Instruments 54AC16646 Datasheet HTML 6Page - Texas Instruments 54AC16646 Datasheet HTML 7Page - Texas Instruments 54AC16646 Datasheet HTML 8Page - Texas Instruments 54AC16646 Datasheet HTML 9Page - Texas Instruments 54AC16646 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
54AC16646, 74AC16646
16BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCAS241A − MARCH 1990 − REVISED APRIL 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54AC16646
74AC16646
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
65
65
65
MHz
tPLH
A or B
B or A
3.4
9.3
13.2
3.4
15.7
3.4
14.8
ns
tPHL
A or B
B or A
3.6
10
13.4
3.6
15.1
3.6
4.5
ns
tPZH
OE
A or B
3.8
10.5
3.8
17.6
3.8
16.4
ns
tPZL
OE
A or B
4.8
13.9
4.8
22.1
4.8
20.9
ns
tPHZ
OE
A or B
4.4
7.6
4.4
11
4.4
10.7
ns
tPLZ
OE
A or B
4
7
4
10.4
4
10.1
ns
tPLH
CLKBA or CLKAB
A or B
4.7
12.1
4.7
19.9
4.7
18.7
ns
tPHL
CLKBA or CLKAB
A or B
4.8
12.2
4.8
18.8
4.8
18
ns
tPLH
SAB or SBA†
A or B
4.7
12
4.7
19.9
4.7
18.5
ns
tPHL
SAB or SBA†
(with A or B high)
A or B
4.5
11.4
4.5
17.2
4.5
16.4
ns
tPLH
SBA or SAB†
A or B
4
10.5
4
17.3
4
16.3
ns
tPHL
SBA or SAB†
(with A or B low)
A or B
5.2
13.3
5.2
20.3
5.2
19.3
ns
tPZH
DIR
A or B
3.6
10.3
3.6
17.9
3.6
16.8
ns
tPZL
DIR
A or B
4.7
13.5
4.7
22.1
4.7
20.8
ns
tPHZ
DIR
A or B
4.6
7.8
4.6
11.6
4.6
11.2
ns
tPLZ
DIR
A or B
3.9
7
3.9
11
3.9
10.6
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54AC16646
74AC16646
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
75
75
75
MHz
tPLH
A or B
B or A
2.9
5.5
8.5
2.9
10.1
2.9
9.5
ns
tPHL
A or B
B or A
2.9
5.7
8.9
2.9
10.1
2.9
9.7
ns
tPZH
OE
A or B
3.1
6.1
9.4
3.1
11.1
3.1
10.5
ns
tPZL
OE
A or B
4.1
7.3
11
4.1
12.9
4.1
12.2
ns
tPHZ
OE
A or B
4
6.1
8.4
4
9.1
4
8.9
ns
tPLZ
OE
A or B
3.8
5.7
8
3.8
8.9
3.8
8.6
ns
tPLH
CLKBA or CLKAB
A or B
3.9
7
10.8
3.9
12.8
3.9
12.1
ns
tPHL
CLKBA or CLKAB
A or B
3.9
7.1
10.8
3.9
12.5
3.9
11.9
ns
tPLH
SAB or SBA†
A or B
4
7.4
11.1
4
13.4
4
12.5
ns
tPHL
SAB or SBA†
(with A or B high)
A or B
3.6
6.7
10.2
3.6
11.8
3.6
11.2
ns
tPLH
SBA or SAB†
A or B
3.3
6.1
9.5
3.3
11.2
3.3
10.6
ns
tPHL
SBA or SAB†
(with A or B low)
A or B
4.3
8
11.7
4.3
13.9
4.3
13.1
ns
tPZH
DIR
A or B
3
5.9
9.6
3
11.6
3
10.9
ns
tPZL
DIR
A or B
3.6
7
11.1
3.6
12.9
3.6
12.2
ns
tPHZ
DIR
A or B
4
6.2
8.8
4
9.6
3
9.4
ns
tPLZ
DIR
A or B
3.7
5.7
8.2
3.7
9
3.7
8.8
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.


Número de pieza similar - 54AC16646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640 TI1-54AC16640 Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640WD TI-54AC16640WD Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640WD TI1-54AC16640WD Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640 TI1-54AC16640_09 Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - 54AC16646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652 Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_08 Datasheet
409Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI1-54ACT16646_08 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com