Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11174 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74ACT11174
Descripción Electrónicos  HEX D-TYPE FLIP-FLOP WITH CLEAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11174 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11174 Datasheet HTML 1Page - Texas Instruments 74ACT11174 Datasheet HTML 2Page - Texas Instruments 74ACT11174 Datasheet HTML 3Page - Texas Instruments 74ACT11174 Datasheet HTML 4Page - Texas Instruments 74ACT11174 Datasheet HTML 5Page - Texas Instruments 74ACT11174 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74ACT11174
HEX DTYPE FLIPFLOP WITH CLEAR
SCAS145 − D3435, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
Applications Include: Buffer/Storage
Registers, Shift Registers, Pattern
Generators
Fully-Buffered Outputs for Maximum
Isolation From External Disturbances
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This device contains six D-type flip-flops and is positive-edge-triggered with a direct clear input. Information at
the D inputs meeting the setup time requirements is transferred to the outputs on the positive-going edge of the
clock pulse. Clock triggering occurs at a particular voltage level and is not directly related to the transition time
of the positive-going pulse. When the clock input is at either the high or low level, the D input signal has no effect
at the output.
The 74ACT11174 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLR
CLK
D
OUTPUT
Q
L
X
X
L
H
HH
H
LL
H
L
X
Q0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Q
2Q
3Q
GND
GND
GND
GND
4Q
5Q
6Q
CLR
1D
2D
3D
VCC
VCC
4D
5D
6D
CLK
DW OR N PACKAGE
(TOP VIEW)
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - 74ACT11174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT11175 TI1-74ACT11175 Datasheet
88Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
74ACT11175DW TI1-74ACT11175DW Datasheet
88Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
74ACT11175N TI1-74ACT11175N Datasheet
88Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
More results

Descripción similar - 74ACT11174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com