Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC7891SRHHT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC7891SRHHT
Descripción Electrónicos  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 4Page - Texas Instruments AMC7891SRHHT Datasheet HTML 5Page - Texas Instruments AMC7891SRHHT Datasheet HTML 6Page - Texas Instruments AMC7891SRHHT Datasheet HTML 7Page - Texas Instruments AMC7891SRHHT Datasheet HTML 8Page - Texas Instruments AMC7891SRHHT Datasheet HTML 9Page - Texas Instruments AMC7891SRHHT Datasheet HTML 10Page - Texas Instruments AMC7891SRHHT Datasheet HTML 11Page - Texas Instruments AMC7891SRHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– GENERAL SPECIFICATIONS
AVDD = 4.75 to 5.5 V, GPIOVDD = 1.8 to 5.5 V, SPIVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, External ADC reference = AVDD,
TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL PURPOSE I/O
GPIOVDD = 1.8 V
0.7
×GPIOVDD
V
VIH
High-level input voltage
GPIOVDD = 3.3 to 5.5 V
2.1
V
GPIOVDD = 1.8 V
0.3
V
VIL
Low-level input voltage
GPIOVDD = 3.3 to 5.5 V
0.8
V
Iload = 1.6 mA, GPIOVDD = 1.8V, All GPIOs
GPIOVDD - 0.25
V
loaded and set to
'1'
VOH
High-level output voltage
Iload = 1.6 mA, GPIOVDD = 3.3 to 5.5V, All
GPIOVDD - 0.2
V
GPIOs loaded and set to
'1'
VOL
Low-level output voltage
Iload = -1.6 mA, All GPIOs loaded
0.4
V
Input capacitance (1)
1
pF
High impedance output
1
pF
capacitance (1)
LOGIC INPUTS: CS, SDI, SCLK
SPIVDD = 1.8 V
0.7
×SPIVDD
V
VIH
High-level input voltage
SPIVDD = 3.3 to 5.5 V
2.1
V
SPIVDD = 1.8 V
0.3
V
VIL
Low-level input voltage
SPIVDD = 3.3 to 5.5 V
0.7
V
Input current
±1
µA
Input capacitance (1)
1
pF
High impedance output
1
pF
capacitance (1)
LOGIC OUTPUT: SDO
VOH
High-level output voltage
Iload = 1.6 mA
SPIVDD - 0.2
V
VOL
Low-level output voltage
Iload = -1.6 mA
0.4
V
LOGIC OUTPUT: DAV
VOL
Low-level output voltage
Iload = -2 mA
0.4
V
POWER REQUIREMENTS
AVDD
4.75
5
5.5
V
GPIOVDD
1.8
5.5
V
SPIVDD
1.8
5.5
V
Total supply current, AVDD +
IDD
Operating mode(2)
6.5
10
mA
GPIOVDD + SPIVDD
Power down mode
1.25
2
mA
Power consumption
Operating mode(2)
32.5
55
mW
Power down mode
6.25
11
mW
OPERATING RANGE
Specified temperature range
–40
25
105
°C
(1)
Specified by design. Not tested in production.
(2)
AVDD = GPIOVDD = SPIVDD = 5 V. No DAC load, all DACs at 0x200 code and ADC at the fastest auto conversion rate.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891


Número de pieza similar - AMC7891SRHHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
More results

Descripción similar - AMC7891SRHHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com