Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC08QM96Q1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HC08QM96Q1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 7 page CD74HC08-Q1 QUADRUPLE 2-INPUT POSITIVE-AND GATE SCLS512A − JULY 2003 − REVISED FEBRUARY 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Qualified for Automotive Applications D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) D Buffered Inputs D Typical Propagation Delay 7 ns at VCC = 5 V, CL = 15 pF, TA = 25°C D Fanout (Over Temperature Range) − Standard Outputs ... 10 LSTTL Loads − Bus Driver Outputs ... 15 LSTTL Loads D Extended Temperature Performance of −40 °C to 125°C D Balanced Propagation Delay and Transition Times D Significant Power Reduction, Compared to LSTTL Logic ICs D 2-V to 6-V V CC Operation D High Noise Immunity N IL or NIH = 30% of VCC at VCC = 5 V D CMOS Input Compatibility, I l ≤ 1 µA at VOL, VOH description/ordering information The CD74HC08 logic gates utilize silicon-gate CMOS technology to achieve operating speeds similar to LSTTL gates, with the low power consumption of standard CMOS integrated circuits. The device can drive 10 LSTTL loads. ORDERING INFORMATION† TA PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING −40 °C to 125°C SOIC − M Tape and reel CD74HC08QM96Q1 HC08Q † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at http://www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging. FUNCTION TABLE (each gate) INPUTS OUTPUT A B OUTPUT Y H H H L XL X L L logic diagram (positive logic) A B Y Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y M PACKAGE (TOP VIEW) Copyright 2008, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - CD74HC08QM96Q1 |
|
Descripción similar - CD74HC08QM96Q1 |