Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FCT163H374CPACT Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza 74FCT163H374CPACT
Descripción Electrónicos  16-Bit Registers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT163H374CPACT Datasheet(HTML) 3 Page - Texas Instruments

  74FCT163H374CPACT Datasheet HTML 1Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 2Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 3Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 4Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 5Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 6Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 7Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 8Page - Texas Instruments 74FCT163H374CPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY74FCT163374
CY74FCT163H374
3
Electrical Characteristics For Bus Hold Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
All Inputs
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
– 1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±100
µA
IIL
Input LOW Current
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[9] VCC=Min.
VI=2.0V
–50
µA
VI=0.8V
+50
µA
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold In-
put[9]
VCC=Max., VI=1.5V
±500
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=VCC
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=GND
±1
µA
IOS
Short Circuit Current[7]
VCC=Max., VOUT=GND
–60
–135
–240
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
±100
µA
ICC
Quiescent Power Supply Current
VIN<0.2V
VCC=Max.
+40
µA
ICC
Quiescent Power supply Current
(TTL inputs HIGH)
VIN=VCC–0.6V
[8] V
CC=Max.
+350
µA
Electrical Characteristics For Balanced Drive Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
IODL
Output LOW Dynamic Current[7]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
45
110
mA
IODH
Output HIGH Dynamic Current[7]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
–45
–110
mA
VOH
Output HIGH Voltage
VCC=Min., IOH= –0.1 mA
VCC–0.2
V
VCC=Min., IOH= –8 mA
2.4[10]
3.0
V
VCC=3.0V, IOH= –24 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL= 0.1mA
0.2
V
VCC=Min., IOL= 24 mA
0.3
0.55
Notes:
9.
Pins with bus hold are described in Pin Description.
10. VOH=VCC–0.6V at rated current.
Capacitance[6](TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF


Número de pieza similar - 74FCT163H374CPACT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74FCT163H244CPACT TI-74FCT163H244CPACT Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H244CPACT TI1-74FCT163H244CPACT Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H244CPVCT TI-74FCT163H244CPVCT Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H244CPVCT TI1-74FCT163H244CPVCT Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H245APVCT TI-74FCT163H245APVCT Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
More results

Descripción similar - 74FCT163H374CPACT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com