Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD0836G6 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc. |
|
CD0836G6 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc. |
3 / 55 page Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Consumer Unit Fuse Link 240V / 5 - 45 A Specifications Description: Cylindrical Fuse Links for domestic application according to BS1361 Ratings: Applications: Protection of domestic distribution systems. Agency Information: Approved to BS1361 Catalogue Numbers BK (Part Number), Unit packing = 100 Dimensions Plug Top Fuse Links 240V / 1 - 13A Specifications Description: Cylindrical Fuse links for domestic applications according to BS1362, to be fitted into domestic BS1363 plug top to conform with the requirements of the Plug and Socket Safety Regulations 1995 Ratings: Applications: protection of the cables connected to domestic equipment against overloads or small overcurrents. Agency Information: BSI Kite Mark, ASTA accredita- tion (except 1A Fuse), BS1362 RoHS Compliant Catalogue Numbers Rating (A) Catalogue Number Colour Code Unit Packing 5 C55 White 10 15 C1515 Blue 20 C1520 Yellow 30 C3030 Red 45 C4545 Green Catalogue Number A B C55 5.35 23 C1515 10.2 26 C1520 10.32 26 C3030 12.7 29 C4545 16.67 35 Rating (A) Catalogue Number Colour Code Unit Packing 1 C180-1A Black 10 2 C180-2A Black 3 C180-3A Red 5 C180-5A Black 7 C180-7A Black 10 C180-10A Black 13 C180-13A Black Catalogue Number A B C180-RatingA 6.45 25.4 Domestic Applications to BS1361 & BS1312 Dimensions BK-(Part Number), Unit packing= 100 Volts: - 240V Amps: - 5 - 45A IR - 16.5kA Volts: - 240V Amps: - 1 - 13A IR - 6kA 4 |
Número de pieza similar - CD0836G6 |
|
Descripción similar - CD0836G6 |