Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD02H0SK Datasheet(PDF) 8 Page - International Rectifier |
|
SD02H0SK Datasheet(HTML) 8 Page - International Rectifier |
8 / 21 page August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603 8 IR3476 12A Highly Integrated SupIRBuck TM PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Fault Protection ISET Pin Output Current On the basis of 25°C 17 19 21 µA ISET Pin Output Current Temperature Coefficient On the basis of 25°C, Note 1 4400 ppm/ °C Under Voltage Threshold Falling VFB & Monitor PGOOD 0.37 0.4 0.43 V Under Voltage Hysteresis Rising VFB, Note 1 7.5 mV Over Voltage Threshold Rising VFB & Monitor PGOOD 0.586 0.625 0.655 V Over Voltage Hysteresis Falling VFB, Note 1 7.5 mV VCC Turn-on Threshold -40°C to 125°C 3.9 4.2 4.5 V VCC Turn-off Threshold 3.6 3.9 4.2 V VCC Threshold Hysteresis 300 mV EN Rising Threshold -40°C to 125°C 1.1 1.25 1.45 V EN Hysteresis 400 mV EN Input Current EN = 3.3V 15 µA PGOOD Pull Down Resistance 25 50 Ω PGOOD Delay Threshold VSS 1 V Thermal Shutdown Threshold Note 1 125 140 °C Thermal Shutdown Threshold Hysteresis Note 1 20 °C Note: 1. Guaranteed by design but not tested in production 2. Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2). Products with prior date code of 1227 are qualified with MSL3 for Consumer Market. |
Número de pieza similar - SD02H0SK |
|
Descripción similar - SD02H0SK |