Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6100131 Datasheet(PDF) 6 Page - Semikron International

No. de pieza L6100131
Descripción Electrónicos  Board 1 SKYPER 32 R
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIKRON [Semikron International]
Página de inicio  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100131 Datasheet(HTML) 6 Page - Semikron International

  L6100131 Datasheet HTML 1Page - Semikron International L6100131 Datasheet HTML 2Page - Semikron International L6100131 Datasheet HTML 3Page - Semikron International L6100131 Datasheet HTML 4Page - Semikron International L6100131 Datasheet HTML 5Page - Semikron International L6100131 Datasheet HTML 6Page - Semikron International L6100131 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Board 1 SKYPER
® 32 R - Technical Explanations
6
2010-04-21 – Rev01
© by SEMIKRON
Collector Series Resistance
RVCE
Designation
Shape
Setting
R150
MiniMELF
RVCE *
Factory setting: not equipped
TOP
R250
MiniMELF
RVCE *
Factory setting: not equipped
BOT
* 1200V IGBT operation: 0
*
* 1700V IGBT operation: 1k
/ 0,4W
Adaptation Gate Resistors
RGon & RGoff
Designation
Shape
Setting
R151, R152, R153
(parallel connected)
MiniMELF
RGon
Factory setting: not equipped
TOP
R154, R155, R156
(parallel connected)
MiniMELF
RGoff
Factory setting: not equipped
TOP
R251, R252, R253
(parallel connected)
MiniMELF
RGon
Factory setting: not equipped
BOT
R254, R255, R256
(parallel connected)
MiniMELF
RGoff
Factory setting: not equipped
BOT
Boost Capacitors
Cboost15P & Cboost8N
Designation
Shape
Setting
C112
1210
Cboost8N
Factory setting: 4,7µF/25V *
TOP
C110
1210
Cboost8N
Factory setting: 4,7µF/25V *
TOP
C111
1210
Cboost15P
Factory setting: 2,2µF/25V *
TOP
C212
1210
Cboost8N
Factory setting: 4,7µF/25V *
BOT
C210
1210
Cboost8N
Factory setting: 4,7µF/25V *
BOT
C211
1210
Cboost15P
Factory setting: 2,2µF/25V *
BOT
* output charge pulse: 5µC


Número de pieza similar - L6100131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
L6100100 SEMIKRON-L6100100 Datasheet
587Kb / 15P
   SKYPER32 - TECHNICAL EXPLANATIONS
L6100140 SEMIKRON-L6100140 Datasheet
348Kb / 9P
   BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
More results

Descripción similar - L6100131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com