Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si8901D-A01-GS Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza Si8901D-A01-GS
Descripción Electrónicos  ISOLATED MONITORING ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8901D-A01-GS Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si8901D-A01-GS Datasheet HTML 4Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 5Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 6Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 7Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 8Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 9Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 10Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 11Page - Silicon Laboratories Si8901D-A01-GS Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Si8900/1/2
8
Rev. 1.0
Table 4. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
Storage Temperature
TSTG
–65
150
°C
Ambient Temperature under Bias
TA
–40
85
°C
Input-Side Supply Voltage
VDDA
–0.5
6.0
V
Output-Side Supply Voltage
VDDB
–0.5
6.0
V
Input/Output Voltage
VI
–0.5
VDD +0.5
V
Output Current Drive
IO
——
10
mA
Lead Solder Temperature (10 s)
260
°C
Maximum Isolation Voltage
6500
VRMS
*Note: Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Número de pieza similar - Si8901D-A01-GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI8901D-A02-GS SKYWORKS-SI8901D-A02-GS Datasheet
1Mb / 33P
   ISOLATED MONITORING ADC
Rev. 1.2
More results

Descripción similar - Si8901D-A01-GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8900 SILABS-SI8900 Datasheet
1Mb / 32P
   ISOLATED MONITORING ADC
logo
Skyworks Solutions Inc.
SI8900 SKYWORKS-SI8900 Datasheet
1Mb / 33P
   ISOLATED MONITORING ADC
Rev. 1.2
logo
Silergy Corp.
MAX78700 SILERGY-MAX78700 Datasheet
552Kb / 7P
   Multichannel, Isolated, Precision ADC
logo
Maxim Integrated Produc...
MAX78700 MAXIM-MAX78700 Datasheet
1Mb / 6P
   Multichannel, Isolated, Precision ADC
Rev 0; 12/12
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
Linear Technology
LTM2893 LINER-LTM2893 Datasheet
1Mb / 32P
   100MHz Isolated ADC Serial Interface
logo
Analog Devices
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
logo
Maxim Integrated Produc...
MAX78615LMU MAXIM-MAX78615LMU Datasheet
680Kb / 62P
   Isolated Energy Measurement Processor for Load Monitoring Units
Rev 0; 12/12
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
   Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com