Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD49150XX10 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza LD49150XX10
Descripción Electrónicos  1.5 A very low drop for low output voltage regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150XX10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD49150XX10 Datasheet HTML 6Page - STMicroelectronics LD49150XX10 Datasheet HTML 7Page - STMicroelectronics LD49150XX10 Datasheet HTML 8Page - STMicroelectronics LD49150XX10 Datasheet HTML 9Page - STMicroelectronics LD49150XX10 Datasheet HTML 10Page - STMicroelectronics LD49150XX10 Datasheet HTML 11Page - STMicroelectronics LD49150XX10 Datasheet HTML 12Page - STMicroelectronics LD49150XX10 Datasheet HTML 13Page - STMicroelectronics LD49150XX10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical characteristics
LD49150XX08, LD49150XX10, LD49150XX12
10/22
Doc ID 13446 Rev 3
Figure 13.
Dropout voltage (VIN-VOUT) vs.
temperature
Figure 14.
VBIAS pin current vs. temperature
Figure 15.
Noise vs. frequency
Figure 16.
Quiescent current vs. temperature
Figure 17.
Supply voltage rejection vs. output
current
Figure 18.
Stability region vs. COUT & High
ESR


Número de pieza similar - LD49150XX10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
LD49150PT08R STMICROELECTRONICS-LD49150PT08R Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
LD49150PT10R STMICROELECTRONICS-LD49150PT10R Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
LD49150PT12R STMICROELECTRONICS-LD49150PT12R Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results

Descripción similar - LD49150XX10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
LD49300 STMICROELECTRONICS-LD49300 Datasheet
561Kb / 20P
   3A Very low drop for low output voltage regulator
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
   1 A very low drop voltage regulator
April 2017 Rev 2
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com