Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD39015J28R Datasheet(PDF) 6 Page - STMicroelectronics |
|
LD39015J28R Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 17 page Maximum ratings LD39015Jxx 6/17 Doc ID 15968 Rev 2 4 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All values are referred to GND. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VIN DC input voltage - 0.3 to 6 V VOUT DC output voltage - 0.3 to VI + 0.3 V VEN Enable input voltage - 0.3 to VI + 0.3 V IOUT Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range -40 to 125 °C Table 4. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient 180 °C/W |
Número de pieza similar - LD39015J28R |
|
Descripción similar - LD39015J28R |