Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2931CT Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM2931CT
Descripción Electrónicos  Series Low Dropout Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931CT Datasheet(HTML) 3 Page - Texas Instruments

  LM2931CT Datasheet HTML 1Page - Texas Instruments LM2931CT Datasheet HTML 2Page - Texas Instruments LM2931CT Datasheet HTML 3Page - Texas Instruments LM2931CT Datasheet HTML 4Page - Texas Instruments LM2931CT Datasheet HTML 5Page - Texas Instruments LM2931CT Datasheet HTML 6Page - Texas Instruments LM2931CT Datasheet HTML 7Page - Texas Instruments LM2931CT Datasheet HTML 8Page - Texas Instruments LM2931CT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2931-N
www.ti.com
SNOSBE5G – MARCH 2000 – REVISED APRIL 2013
Figure 11. 8-Pin SOIC
Top View
Typical Applications
*Required if regulator is located far from power supply filter.
**C2 must be at least 100
μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator. The equivalent series resistance (ESR) of this capacitor is critical; see curve.
Figure 12. LM2931-N Fixed Output
Note: Using 27k for R1 will automatically compensate for errors in VOUT due to the input bias current of the ADJ pin
(approximately 1
μA).
Figure 13. LM2931-N Adjustable Output
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2931-N


Número de pieza similar - LM2931CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2931CT NSC-LM2931CT Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931CT ONSEMI-LM2931CT Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931CT MOTOROLA-LM2931CT Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931CT ONSEMI-LM2931CT Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
National Semiconductor ...
LM2931CT NSC-LM2931CT Datasheet
411Kb / 18P
   Series Low Dropout Regulators
More results

Descripción similar - LM2931CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
   Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
   Low Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
   Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
   Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com