Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74SSTUB32864 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74SSTUB32864
Descripción Electrónicos  25-BIT CONFIGURABLE REGISTERED BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTUB32864 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74SSTUB32864 Datasheet HTML 6Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 7Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 8Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 9Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 10Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 11Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 12Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 13Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(1)
SN74SSTUB32864
SCAS791A – OCTOBER 2006 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage range
–0.5 to 2.5
V
VI
Input voltage range(2) (3)
-0.5 to VCC + 0.5
V
VO
Output voltage range(2) (3)
–0.5 to VCC + 0.5
V
IIK
Input clamp current, (VI < 0 or VI > VCC)
±50
mA
IOK
Output clamp current, (VO < 0 or VO > VCC)
±50
mA
IO
Continuous output current (VO = 0 to VCC)
±50
mA
ICC
Continuous current through each VCC or GND
±100
mA
No airflow
39.8
Airflow 150 ft/min
34.1
Thermal impedance,
RθJA
junction-to-ambient(4)
Airflow 250 ft/min
33.6
K/W
Airflow 500 ft/min
32.5
RθJB
Thermal resistance, junction-to-board(4)
No airflow
14.5
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 2.5 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
1.7
1.9
V
VREF
Reference voltage
0.49
× V
CC
0.5
× V
CC
0.51
× V
CC
V
VTT
Termination voltage
VREF–40 mV
VREF
VREF + 40 mV
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs, CSR
VREF + 250 mV
V
VIL
AC low-level input voltage
Data inputs, CSR
VREF–250 mV
V
VIH
DC high-level input voltage
Data inputs, CSR
VREF + 125 mV
V
VIL
DC low-level input voltage
Data inputs, CSR
VREF–125 mV
V
VIH
High-level input voltage
RESET, Cn
0.65
× V
CC
V
VIL
Low-level input voltage
RESET, Cn
0.35
× V
CC
V
VICR
Common-mode input voltage range
CLK, CLK
0.675
1.125
V
VI(PP)
Peak-to-peak input voltage
CLK, CLK
600
mV
IOH
High-level output current
Q outputs
–8
mA
IOL
Low-level output current
Q outputs
8
mA
TA
Operating free-air temperature
-40
85
°C
(1)
The RESET and Cn inputs of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The
differential inputs must not be floating unless RESET is low. See the TI application report, Implications of Slow or Floating CMOS Inputs
(SCBA004).
10
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74SSTUB32864


Número de pieza similar - SN74SSTUB32864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTUB32864NMJR TI-SN74SSTUB32864NMJR Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864ZKER TI-SN74SSTUB32864ZKER Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
More results

Descripción similar - SN74SSTUB32864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74SSTUB32864A TI1-74SSTUB32864A Datasheet
519Kb / 19P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Texas Instruments
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
   25-Bit Configurable Registered Buffer for DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAH32865A IDT-ICSSSTUAH32865A Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866C IDT-ICSSSTUAF32866C Datasheet
638Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32866B RENESAS-IDT74SSTUBF32866B Datasheet
818Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com