Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BY500-800 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

No. de pieza BY500-800
Descripción Electrónicos  SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Página de inicio  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY500-800 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY500-800 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY500-800 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 /10 secods/.375 (9.5mm)lead length at 5 lbs(2.3kg) tension
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.042ounce, 1.19 grams
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL BY500-100 BY500-200 BY500-400 BY500-600 BY500-800
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
V
Maximum RMS voltage
VRMS
70
140
280
420
560
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TL = 45 °C
IF(AV)
5.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load at TA = 25 °C
IFSM
200
A
Maximum repetitive peak forward surge
IFRM
10
A
Operating junction temperature range
TJ
- 50 to + 125
°C
Storage temperature range
TSTG
- 50 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BY500-100
BY500-200
BY500-400
BY500-600
BY500-800
UNIT
Maximum
instantaneous forward
voltage
5.0 A
VF
1.35
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
1.0
mA
Maximum reverse
recovery time
trr
200
ns
Maximum reverse
recovery current
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs,
Irr = 10 % IRM
IRM(REC)
2.0
A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
28
pF
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
BY500-100 THRU BY500-800
100V-800V
5.0A


Número de pieza similar - BY500-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
BY500-800 GE-BY500-800 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-800 DSK-BY500-800 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
BY500-800 GOOD-ARK-BY500-800 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-800 ZSELEC-BY500-800 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Diotec Semiconductor
BY500-800 DIOTEC-BY500-800 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
More results

Descripción similar - BY500-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY550-50 TAYCHIPST-BY550-50 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Continental Device Indi...
MR850 CDIL-MR850 Datasheet
261Kb / 5P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIERS
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com