Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA6408A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA6408A
Descripción Electrónicos  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6408A Datasheet(HTML) 2 Page - Texas Instruments

  TCA6408A Datasheet HTML 1Page - Texas Instruments TCA6408A Datasheet HTML 2Page - Texas Instruments TCA6408A Datasheet HTML 3Page - Texas Instruments TCA6408A Datasheet HTML 4Page - Texas Instruments TCA6408A Datasheet HTML 5Page - Texas Instruments TCA6408A Datasheet HTML 6Page - Texas Instruments TCA6408A Datasheet HTML 7Page - Texas Instruments TCA6408A Datasheet HTML 8Page - Texas Instruments TCA6408A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
DESCRIPTION/ORDERING INFORMATION
TCA6408A
SCPS192C–APRIL 2009–REVISED JULY 2009............................................................................................................................................................. www.ti.com
This 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed to provide general-purpose remote I/O
expansion for most microcontroller families via the I2C interface [serial clock (SCL) and serial data (SDA)].
The major benefit of this device is its wide VCC range. It can operate from 1.65-V to 5.5-V on the P-port side and
on the SDA/SCL side. This allows the TCA6408A to interface with next-generation microprocessors and
microcontrollers on the SDA/SCL side, where supply levels are dropping down to conserve power. In contrast to
the dropping power supplies of microprocessors and microcontrollers, some PCB components such as LEDs
remain at a 5-V power supply.
The bidirectional voltage-level translation in the TCA6408A is provided through VCCI. VCCI should be connected to
the VCC of the external SCL/SDA lines. This indicates the VCC level of the I2C bus to the TCA6408A. The voltage
level on the P port of the TCA6408A is determined by VCCP.
The TCA6408A consists of one 8-bit Configuration (input or output selection), Input, Output, and Polarity
Inversion (active high) Register. At power on, the I/Os are configured as inputs. However, the system master can
enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each input or
output is kept in the corresponding Input or Output Register. The polarity of the Input Port Register can be
inverted with the Polarity Inversion Register. All registers can be read by the system master.
The system master can reset the TCA6408A in the event of a timeout or other improper operation by asserting a
low in the RESET input. The power-on reset puts the registers in their default state and initializes the I2C/SMBus
state machine. The RESET pin causes the same reset/initialization to occur without depowering the part.
The TCA6408A open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port Register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the TCA6408A can remain a simple slave device.
The device P-port outputs have high-current sink capabilities for directly driving LEDs while consuming low
device current.
One hardware pin (ADDR) can be used to program and vary the fixed I2C address and allow up to two devices to
share the same I2C bus or SMBus.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGT
Reel of 3000
TCA6408ARGTR
ZVU
–40°C to 85°C
TSSOP – PW
Reel of 2000
TCA6408APWR
PH408A
µQFN – RSV
Reel of 3000
TCA6408ARSVR
ZVU
(1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6408A


Número de pieza similar - TCA6408A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408AQPWRQ1 TI1-TCA6408AQPWRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
More results

Descripción similar - TCA6408A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com