Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN54010 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FAN54010
Descripción Electrónicos  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54010 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN54010 Datasheet HTML 1Page - Fairchild Semiconductor FAN54010 Datasheet HTML 2Page - Fairchild Semiconductor FAN54010 Datasheet HTML 3Page - Fairchild Semiconductor FAN54010 Datasheet HTML 4Page - Fairchild Semiconductor FAN54010 Datasheet HTML 5Page - Fairchild Semiconductor FAN54010 Datasheet HTML 6Page - Fairchild Semiconductor FAN54010 Datasheet HTML 7Page - Fairchild Semiconductor FAN54010 Datasheet HTML 8Page - Fairchild Semiconductor FAN54010 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum
ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VBUS
VBUS Voltage
Continuous
–1.4
20.0
V
Pulsed, 100ms Maximum Non-Repetitive
–2.0
VSTAT
STAT Voltage
–0.3
16.0
V
VI
PMID Voltage
7.0
V
SW, CSIN, VBAT, AUXPWR, DISABLE Voltage
–0.3
7.0
VO
Voltage on Other Pins
–0.3
6.5
(4)
V
dt
dVBUS
Maximum VBUS Slope above 5.5V when Boost or Charger are Active
4
V/
s
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
2000
V
Charged Device Model per JESD22-C101
500
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
4.
Lesser of 6.5V or VI + 0.3V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VBUS
Supply Voltage
4
6
V
VBAT(MAX) Maximum Battery Voltage when Boost enabled
4.5
V
dt
dVBUS
Negative VBUS Slew Rate during VBUS Short Circuit,
CMID < 4.7F (see VBUS Short While Charging)
TA < 60°C
4
V/
s
TA > 60°C
2
TA
Ambient Temperature
–30
+85
°C
TJ
Junction Temperature (see Thermal Regulation and Protection section)
–30
+120
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
2s2p boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature
TJ(max) at a given ambient temperature TA. For measured data, see Table 11.
Symbol Parameter
Typical
Unit
JA
Junction-to-Ambient Thermal Resistance
60
°C/W
JB
Junction-to-PCB Thermal Resistance
20
°C/W


Número de pieza similar - FAN54010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54010UCX(1) FAIRCHILD-FAN54010UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Descripción similar - FAN54010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com