Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA9554 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA9554
Descripción Electrónicos  LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554 Datasheet(HTML) 3 Page - Texas Instruments

  TCA9554 Datasheet HTML 1Page - Texas Instruments TCA9554 Datasheet HTML 2Page - Texas Instruments TCA9554 Datasheet HTML 3Page - Texas Instruments TCA9554 Datasheet HTML 4Page - Texas Instruments TCA9554 Datasheet HTML 5Page - Texas Instruments TCA9554 Datasheet HTML 6Page - Texas Instruments TCA9554 Datasheet HTML 7Page - Texas Instruments TCA9554 Datasheet HTML 8Page - Texas Instruments TCA9554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
14
I/O
Port
Shift
Register
8 Bits
LP Filter
Interrupt
Logic
Input
Filter
15
Power-On
Reset
Read Pulse
Write Pulse
2
1
13
16
8
GND
VCC
SDA
SCL
A1
A0
INT
I2C Bus
Control
P7−P0
3
A2
Data From
Shift Register
Data From
Shift Register
Write Configuration
Pulse
Write Pulse
Read Pulse
Write Polarity
Pulse
Data From
Shift Register
Output Port
Register
Configuration
Register
Input Port
Register
Polarity
Inversion
Register
Polarity
Register Data
Input Port
Register Data
GND
P0 to P7
VCC
Output Port
Register Data
Q1
Q2
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
INT
100 kW
TCA9554
www.ti.com
SCPS233A – NOVEMBER 2011 – REVISED MARCH 2012
Figure 1. FUNCTIONAL BLOCK DIAGRAM
A.
Pin numbers shown are for the PW package.
B.
All I/Os are set to inputs at reset.
Figure 2. SIMPLIFIED SCHEMATIC OF P0 TO P7
A.
At power-on reset, all registers return to default values.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TCA9554


Número de pieza similar - TCA9554

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
TCA9554A TI1-TCA9554A Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Descripción similar - TCA9554

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com