Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL082-N Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL082-N
Descripción Electrónicos  TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL082-N Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL082-N Datasheet HTML 7Page - Texas Instruments TL082-N Datasheet HTML 8Page - Texas Instruments TL082-N Datasheet HTML 9Page - Texas Instruments TL082-N Datasheet HTML 10Page - Texas Instruments TL082-N Datasheet HTML 11Page - Texas Instruments TL082-N Datasheet HTML 12Page - Texas Instruments TL082-N Datasheet HTML 13Page - Texas Instruments TL082-N Datasheet HTML 14Page - Texas Instruments TL082-N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Applications (Continued)
00835713
All potentiometers are linear taper
Use the LF347 Quad for stereo applications
Note 8: All controls flat.
Note 9: Bass and treble boost, mid flat.
Note 10: Bass and treble cut, mid flat.
Note 11: Mid boost, bass and treble flat.
Note 12: Mid cut, bass and treble flat.
Improved CMRR Instrumentation Amplifier
00835714
C and are separate isolated grounds
Matching of R2’s, R4’s and R5’s control CMRR
With AVT = 1400, resistor matching = 0.01%: CMRR = 136 dB
Very high input impedance
Super high CMRR
www.national.com
10


Número de pieza similar - TL082-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
More results

Descripción similar - TL082-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
[Old version datasheet]   LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Texas Instruments
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 TI1-LF351 Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com