Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320LF2407-EP Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SM320LF2407-EP
Descripción Electrónicos  DSP CONTROLLERS
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320LF2407-EP Datasheet(HTML) 4 Page - Texas Instruments

  SM320LF2407-EP Datasheet HTML 1Page - Texas Instruments SM320LF2407-EP Datasheet HTML 2Page - Texas Instruments SM320LF2407-EP Datasheet HTML 3Page - Texas Instruments SM320LF2407-EP Datasheet HTML 4Page - Texas Instruments SM320LF2407-EP Datasheet HTML 5Page - Texas Instruments SM320LF2407-EP Datasheet HTML 6Page - Texas Instruments SM320LF2407-EP Datasheet HTML 7Page - Texas Instruments SM320LF2407-EP Datasheet HTML 8Page - Texas Instruments SM320LF2407-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
SM320LF2407AEP
DSP CONTROLLERS
SGUS036B − JULY 2003 − REVISED OCTOBER 2003
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
240xA device summary
Note that throughout this data sheet, 240xA is used as a generic name for the LF240xA/LC240xA generation
of devices.
Table 1. Hardware Features of 2407A Device
FEATURE
LF2407A
C2xx DSP Core
Yes
Instruction Cycle
25 ns
MIPS (40 MHz)
40 MIPS
RAM (16-bit word)
Dual-Access RAM (DARAM)
544
RAM (16-bit word)
Single-Access RAM (SARAM)
2K
3.3-V On-chip Flash (16-bit word) (4 sectors: 4K, 12K, 12K, 4K)
32K
On-chip ROM (16-bit word)
Code Security for On-Chip Flash/ROM
Yes
Boot ROM
Yes
External Memory Interface
Yes
Event Managers A and B (EVA and EVB)
EVA, EVB
S
General-Purpose (GP) Timers
4
S
Compare (CMP)/PWM
12/16
S
Capture (CAP)/QEP
6/4
S
Input qualifier circuitry on PDPINTx, CAPn, XINT1/2, and ADCSOC pins
Yes
S
Status of PDPINTx pin reflected in COMCONx register
Yes
Watchdog Timer
Yes
10-Bit ADC
Yes
S
Channels
16
S
Conversion Time (minimum)
500 ns
SPI
Yes
SCI
Yes
CAN
Yes
Digital I/O Pins (Shared)
41
External Interrupts
5
Supply Voltage
3.3 V
Packaging
144-pin PGE
Product Status:
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
Denotes features that are different/new compared to 240x devices.


Número de pieza similar - SM320LF2407-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407APGEMEP TI1-SM320LF2407APGEMEP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com