Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5951 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC5951
Descripción Electrónicos  24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5951 Datasheet HTML 2Page - Texas Instruments TLC5951 Datasheet HTML 3Page - Texas Instruments TLC5951 Datasheet HTML 4Page - Texas Instruments TLC5951 Datasheet HTML 5Page - Texas Instruments TLC5951 Datasheet HTML 6Page - Texas Instruments TLC5951 Datasheet HTML 7Page - Texas Instruments TLC5951 Datasheet HTML 8Page - Texas Instruments TLC5951 Datasheet HTML 9Page - Texas Instruments TLC5951 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TLC5951
SBVS127B – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
At TA = –40°C to +85°C, VCC = 3 V to 5.5 V, CL = 15 pF, RL = 100 Ω, RIREF = 1.2 kΩ, and VLED = 5.0 V, unless otherwise
noted. Typical values are at TA = +25°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
tR0
GSSOUT, DCSOUT
6
15
ns
OUTR0-OUTR7, OUTG0-OUTG7, OUTB0-OUTB7,
Rise time
tR1
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
10
30
ns
range
tF0
GSSOUT, DCSOUT
6
15
ns
OUTR0-OUTR7, OUTG0-OUTG7, OUTB0-OUTB7,
Fall time
tF1
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
10
30
ns
range
tD0
GSSCK
↑ to GSSOUT, DCSCK↑ to DCSOUT
15
25
ns
tD1
GSLAT
↑ to GSSOUT
50
100
ns
tD2
XBLNK
↓ to OUTR0/G0/B0, OUTR4/G4/B4 off
20
40
ns
GSCKR/G/B
↑ to OUTR0/G0/B0, OUTR4/G4/B4 on,
tD3
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
5
18
40
ns
range
GSCKR/G/B
↑ to OUTR1/G1/B1, OUTR5/G5/B5 on,
tD4
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
20
42
73
ns
range
GSCKR/G/B
↑ to OUTR2/G2/B2, OUTR6/G6/B6 on,
tD5
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
35
66
106
ns
Propagation delay
range
GSCKR/G/B
↑ to OUTR3/G3/B3, OUTR7/G7/B7 on,
tD6
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
50
90
140
ns
range
tD7
Internal latch pulse generation delay from DCSCK
3
5
7
ms
GSLAT
↑ to IOUTRn/Gn/Bn changing by dot correction control
tD8
(control data are 0Ch
→ 72h or 72h → 0Ch with DC high adjustment
30
50
ns
range), BCR/G/B = FFh
GSLAT
↑ to IOUTRn/Gn/Bn changing by global brightness control
tD9
(control data are 19h
≥ E6h or E6h ≥ 19h with DCRn/Gn/Bn = 7Fh with
100
300
ns
DC high adjustment range)
tOUT_ON – TGSCKR/G/B, GSDATA = 001h, GSCKR/G/B = 33 MHz,
tON_ERR
Output on-time error(1)
with BCR/G/B = FFh and DCRn/Gn/Bn = 7Fh with DC high adjustment
–15
5
ns
range
(1)
Output on-time error (tON_ERR) is calculated by the formula tON_ERR (ns) = tOUT_ON – TGSCKR/G/B. tOUT_ON indicates the actual on-time of
the constant current driver. TGSCKR is the period of GSCKR, TGSCKG is the period of GSCKG, and TGSCKB is the period of GSCKB.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC5951


Número de pieza similar - TLC5951

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951RTAR TI1-TLC5951RTAR Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951TDA2 TI1-TLC5951TDA2 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951TDA3 TI1-TLC5951TDA3 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
More results

Descripción similar - TLC5951

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com