Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C6202GJLA20EP Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza SM320C6202GJLA20EP
Descripción Electrónicos  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6202GJLA20EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320C6202GJLA20EP Datasheet HTML 7Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 8Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 9Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 10Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 11Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 12Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 13Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 14Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
SM320C6202EP
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS044−JULY 2003
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table 4. DMA Registers (Continued)
HEX ADDRESS RANGE
REGISTER NAME
ACRONYM
0184 004C
SECCTL3
DMA channel 3 secondary control
0184 0050
SRC1
DMA channel 1 source address
0184 0054
SRC3
DMA channel 3 source address
0184 0058
DST1
DMA channel 1 destination address
0184 005C
DST3
DMA channel 3 destination address
0184 0060
XFRCNT1
DMA channel 1 transfer counter
0184 0064
XFRCNT3
DMA channel 3 transfer counter
0184 0068
GBLADDRC
DMA global address register C
0184 006C
GBLADDRD
DMA global address register D
0184 0070
AUXCTL
DMA auxiliary control register
0184 0074−0187 FFFF
Reserved
Table 5. Expansion Bus (XBUS) Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0188 0000
XBGC
Expansion bus global control register
0188 0004
XCECTL1
XCE1 space control register
Corresponds to XBus XCE0 memory
space: [4000 0000−4FFF FFFF]
0188 0008
XCECTL0
XCE0 space control register
Corresponds to XBus XCE1 memory
space: [5000 0000−5FFF FFFF]
0188 000C
XBHC
Expansion bus host port interface control register
DSP read/write access only
0188 0010
XCECTL2
XCE2 space control register
Corresponds to XBus XCE2 memory
space: [6000 0000−6FFF FFFF]
0188 0014
XCECTL3
XCE3 space control register
Corresponds to XBus XCE3 memory
space: [7000 0000−7FFF FFFF]
0188 0018
Reserved
0188 001C
Reserved
0188 0020
XBIMA
Expansion bus internal master address register
DSP read/write access only
0188 0024
XBEA
Expansion bus external address register
DSP read/write access only
0188 0028−018B FFFF
Reserved
XBISA
Expansion bus internal slave address
XBD
Expansion bus data
Table 6. Interrupt Selector Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
019C 0000
MUXH
Interrupt multiplexer high
Selects which interrupts drive CPU
interrupts 10−15 (INT10−INT15)
019C 0004
MUXL
Interrupt multiplexer low
Selects which interrupts drive CPU
interrupts 4−9 (INT04−INT09)
019C 0008
EXTPOL
External interrupt polarity
Sets the polarity of the external
interrupts (EXT_INT4−EXT_INT7)
019C 000C−019C 01FF
Reserved
019C 0200
PDCTL
Peripheral power-down control register
019C 0204−019F FFFF
Reserved
peripheral register descriptions (continued)


Número de pieza similar - SM320C6202GJLA20EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320C6202BGDP167 TI-SM320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGFN167 TI-SM320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGGP167 TI-SM320C6202BGGP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGHK167 TI-SM320C6202BGHK167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGJC167 TI-SM320C6202BGJC167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Descripción similar - SM320C6202GJLA20EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com