Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C6414-EP Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SM320C6414-EP
Descripción Electrónicos  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6414-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM320C6414-EP Datasheet HTML 6Page - Texas Instruments SM320C6414-EP Datasheet HTML 7Page - Texas Instruments SM320C6414-EP Datasheet HTML 8Page - Texas Instruments SM320C6414-EP Datasheet HTML 9Page - Texas Instruments SM320C6414-EP Datasheet HTML 10Page - Texas Instruments SM320C6414-EP Datasheet HTML 11Page - Texas Instruments SM320C6414-EP Datasheet HTML 12Page - Texas Instruments SM320C6414-EP Datasheet HTML 13Page - Texas Instruments SM320C6414-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
1.4.5 Memory Map Summary
SM320C6414-EP, SM320C6415-EP, SM320C6416-EP
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SGUS043D – MAY 2003 – REVISED SEPTEMBER 2008
www.ti.com
Table 1-3 shows the memory map address ranges of the SM320C64x device. Internal memory is always
located at address 0 and can be used as both program and data memory. The external memory address
ranges in the C64x device begin at the hex address locations 0x6000 0000 for EMIFB and 0x8000 0000
for EMIFA.
Table 1-3. SM320C64x Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Internal RAM (L2)
1M
0000 0000–000F FFFF
Reserved
23M
0010 0000–017F FFFF
External Memory Interface A (EMIFA) Registers
256K
0180 0000–0183 FFFF
L2 Registers
256K
0184 0000–0187 FFFF
HPI Registers
256K
0188 0000–018B FFFF
McBSP 0 Registers
256K
018C 0000–018F FFFF
McBSP 1 Registers
256K
0190 0000–0193 FFFF
Timer 0 Registers
256K
0194 0000–0197 FFFF
Timer 1 Registers
256K
0198 0000–019B FFFF
Interrupt Selector Registers
256K
019C 0000–019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000–01A3 FFFF
McBSP 2 Registers
256K
01A4 0000–01A7 FFFF
EMIFB Registers
256K
01A8 0000–01AB FFFF
Timer 2 Registers
256K
01AC 0000–01AF FFFF
GPIO Registers
256K
01B0 0000–01B3 FFFF
UTOPIA Registers (C6415 and C6416 only)(1)
256K
01B4 0000–01B7 FFFF
TCP/VCP Registers (C6416 only)(2)
256K
01B8 0000–01BB FFFF
Reserved
256K
01BC 0000–01BF FFFF
PCI Registers (C6415 and C6416 only)(1)
256K
01C0 0000–01C3 FFFF
Reserved
4M–256K
01C4 0000–01FF FFFF
QDMA Registers
52
0200 0000–0200 0033
Reserved
736M–52
0200 0034–2FFF FFFF
McBSP 0 Data
64M
3000 0000–33FF FFFF
McBSP 1 Data
64M
3400 0000–37FF FFFF
McBSP 2 Data
64M
3800 0000–3BFF FFFF
UTOPIA Queues (C6415 and C6416 only)(1)
64M
3C00 0000–3FFF FFFF
Reserved
256K
4000 0000–4FFF FFFF
TCP/VCP (C6416 only)(2)
256K
5000 0000–5FFF FFFF
EMIFB CE0
64M
6000 0000–63FF FFFF
EMIFB CE1
64M
6400 0000–67FF FFFF
EMIFB CE2
64M
6800 0000–6BFF FFFF
EMIFB CE3
64M
6C00 0000–6FFF FFFF
Reserved
256K
7000 0000–7FFF FFFF
EMIFA CE0
256K
8000 0000–8FFF FFFF
EMIFA CE1
256K
9000 0000–9FFF FFFF
EMIFA CE2
256K
A000 0000–AFFF FFFF
EMIFA CE3
256K
B000 0000–BFFF FFFF
Reserved
1G
C000 0000–FFFF FFFF
(1)
For the C6414 device, these memory address locations are reserved. The C6414 device does not support the UTOPIA and PCI
peripherals.
(2)
Only the C6416 device supports the VCP/TCP coprocessors. For the C6414 and C6415 devices, these memory address locations are
reserved.
Introduction
10
Submit Documentation Feedback


Número de pieza similar - SM320C6414-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Descripción similar - SM320C6414-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com