Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS12001ITD1022T Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

No. de pieza TS12001ITD1022T
Descripción Electrónicos  A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS12001ITD1022T Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS12001ITD1022T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS12001
TS12001DS r1p0
Page 5
RTFDS
BLOCK DIAGRAM
THEORY OF OPERATION
The TS12001 combines a 0.58V ±4.5% reference
and
an
analog
comparator
with
a
resettable
comparator latch in a single package. The TS12001
operates from a single 0.65V to 2.5V power supply
and consumes less than 1µA total supply current.
The TS12001 comparator has a push-pull and open-
drain output driver. The push-pull output driver is
powered from a separate supply voltage, OVDD. The
open-drain output stage allows for easy output
voltage level translation as may be required when
driving systems powered with a different power
supply rail. The analog comparator exhibits ±10mV of
internal hysteresis for clean, chatter-free output
switching. The internal reference was designed to
sink or source up to 0.1µA load currents.
The TS12001 has a preset UVLO threshold voltage
of 0.78V (typ) or can be set to other threshold
voltages with two external resistors where the divided
voltage is applied to the SET pin. When the SET pin
voltage is grounded or it is less than approximately
90mV, the internal preset UVLO threshold circuit will
control the comparator outputs. If the SET pin is
above approximately 90mV, the external voltage
divider circuit will control the comparator outputs. The
0.58V reference voltage is tied to the inverting input
of the comparator and the output of a switch is
connected
to
the
non-inverting
input
of
the
comparator. The output of the switch is either the
SET voltage or the internal UVLO threshold voltage,
depending on whether the SET pin voltage is above
or below approximately 90mV. If the switch output is
above 0.58V, the push-pull output (COUTPP) will be
HIGH and the open-drain output (COUTOD) will be
LOW and vice versa. For proper operation, the
supply voltage VIN must be applied before the output
driver supply voltage (OVDD) is applied.
The TS12001 has a latch enable pin (
ET) that


Número de pieza similar - TS12001ITD1022T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS12001ITD1022T SILABS-TS12001ITD1022T Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
More results

Descripción similar - TS12001ITD1022T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com