Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPD12S016 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TPD12S016 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 26 page TPD12S016 SLLSE96C – SEPTEMBER 2011 – REVISED JULY 2012 www.ti.com Voltage Level Shifter – CEC Line (x_A and x_B ports) –40°C to 85°C PARAMETER TEST CONDITIONS VCCA UNIT MIN TYP MAX 1.1 V to VCCA VOHA IOH = –20 μA VI = VIH V 3.6 V ×0.80 1.1 V to VCCA VOLA IOL = 20 µA VI = VIL V 3.6 V ×0.17 V3P3 VOHB IOH = –20 μA VI = VIH V ×0.80 VOLB IOL = 3 mA VI = VIL 0.4 V 1.1 V to ΔVT Hysteresis at the Sxx_A (VT+ – VT–) 40 mV 3.6 V 1.1 V to ΔVT Hysteresis at the Sxx_B (VT+ – VT–) 300 mV 3.6 V Pull-up connected to CEC_A 10 k Ω VCCA rail RPU (Internal pull-up) Pull-up connected to 3.3 V CEC_B 22 26 30 rail A port VCCA = 0 V, VI or VO = 0 to 3.6 V 0 V ±5 Ioff μA 0 V to B port 5VOUT = 0 V, VI or VO = 0 to 5.5 V ±1.8 3.6 V 1.1 V to B port VO = VCCO or GND ±5 3.6 V IOZ μA 1.1 V to A port VI = VCCI or GND ±5 3.6 V Voltage Level Shifter – HPD Line (x_A and x_B ports) –40°C to 85°C PARAMETER TEST CONDITIONS VCCA UNIT MIN TYP MAX 1.1 V to VCCA VOHA IOH = –3 mA VI = VIH V 3.6 V ×0.07 1.1 V to VOLA IOL = 3 mA VI = VIL 0.4 V 3.6 V 1.1 V to ΔVT Hysteresis (VT+ – VT–) 400 mV 3.6 V RPD (Internal pull-down resistor) HPD_B Pull-down connected to GND 11 k Ω Ioff A port VO = VCCO or GND 0 V ±5 μA IOZ A port VI = VCCO or GND 3.6 V ±5 μA LS_OE, CT_CP_HPD –40°C to 85°C PARAMETER TEST CONDITIONS VCCA UNIT MIN TYP MAX 1.1 V to 3.6 II VI = VCCA or GND ±12 μA V I/O Capacitances –40°C to 85°C PARAMETER TEST CONDITIONS VCCA UNIT MIN TYP MAX CI Control inputs VI = 1.89 V or GND 1.1 V to 3.6 V 7.1 pF A port VO = 1.89 V or GND 1.1 V to 3.6 V 8.3 pF Cio B port VO = 5.0 V or GND 5.0 V 15 pF 8 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated Product Folder Link(s) :TPD12S016 |
Número de pieza similar - TPD12S016 |
|
Descripción similar - TPD12S016 |