Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2420 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2420
Descripción Electrónicos  3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2420 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2420 Datasheet HTML 3Page - Texas Instruments TPS2420 Datasheet HTML 4Page - Texas Instruments TPS2420 Datasheet HTML 5Page - Texas Instruments TPS2420 Datasheet HTML 6Page - Texas Instruments TPS2420 Datasheet HTML 7Page - Texas Instruments TPS2420 Datasheet HTML 8Page - Texas Instruments TPS2420 Datasheet HTML 9Page - Texas Instruments TPS2420 Datasheet HTML 10Page - Texas Instruments TPS2420 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
FAULT
CT
3
T
C
38.9 10
=
´
6
SD
CT
T
1.0
10
C
=
´
´
IFLT
FAULT
200k
R
I
W
=
IMAX
IMAX
201k
R
I
W
=
TPS2420
www.ti.com
SLUS903D
– JANUARY 2009 – REVISED SEPTEMBER 2011
PIN DESCRIPTION
CT: Connect a capacitor form CT to GND to set the fault time. The fault timer starts when the fault current
threshold is exceeded, charging the capacitor with 36
μA from GND towards an upper threshold of 1.4 V. If the
capacitor reaches the upper threshold, the internal pass MOSFET is turned off. The MOSFET will stay off until
EN is cycled if a latching version is used. If an auto-retry version is used, the capacitor will discharge at 5
μA to
0.2 V and then re-enable the pass MOSFET. When the device is disabled, CT is pulled to GND through a
100-k
Ω resistor.
The timer period must be chosen long enough to allow the external load capacitance to charge. The fault timer
period is selected using the following formula where TFAULT is the minimum timer period in seconds and CCT is in
Farads.
(1)
This equation does not account for component tolerances. In autoretry versions, the second and subsequent
retry timer periods will be approximately 85% as long as the first retry period.
In autoretry versions, the fault timer discharges the capacitor for a nominal TSD in seconds with CCT in Farads per
the following equation.
(2)
The nominal ratio of on to off times represents about a 3% duty cycle when a hard fault is present on the output
of an autoretry version device.
FLT: Open-drain output that pulls low on any condition that causes the output to open. These conditions are
either an overload with a fault time-out, or a thermal shutdown. FLT becomes operational before UV, when VIN is
greater than 1 volt.
GND: This is the most negative voltage in the circuit and is used as reference for all voltage measurements
unless otherwise specified.
IFLT: A resistor connected from this pin to ground sets the fault current threshold (IFAULT). Currents between the
fault current threshold and the current limit are permitted to flow unimpeded for the period set by the fault timer
programmed on CT. This permits loads to draw momentary surges while maintaining the protection provided by a
lower average-current limit. IFLT may not be set below 1 A to maintain the Fault Current Limit threshold accuracy
listed in Electrical Characteristics. Some parts may not current limit or fault as expected.
The fault timer implemented by CT starts charging CT when current through VIN exceeds IFAULT. If the current
doesn
’t drop below the IFAULT level before VCT reaches its upper threshold, the output will be shut off. The fault
current resistor is set by the following formula where IFAULT is in Amperes and RRFLT is in ohms.
(3)
IMAX: A resistor connected from this pin to ground sets IMAX. The TPS2420 will limit current to IMAX. If the current
does not drop below the IFAULT level before the timer times out then the output will be shut off. RMAX is set by the
formula:
(4)
IMAX must be set sufficiently larger than IFAULT to ensure that lMAX could never be less than IFAULT, even after
taking tolerances into account.
EN: When this pin is pulled low, the device is enabled. The input threshold is hysteretic, allowing the user to
program a startup delay with an external RC circuit. EN is pulled to VIN by a 10-MΩ resistor, pulled to GND by
16.8 M
Ω and is clamped to ground by a 7-V Zener diode. Because high impedance pullup/down resistors are
used to reduce current draw, any external FET controlling this pin should be low leakage.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2420


Número de pieza similar - TPS2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420 TI-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAR TI-TPS2420RSAR Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
More results

Descripción similar - TPS2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com