Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2420 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2420
Descripción Electrónicos  3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2420 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2420 Datasheet HTML 1Page - Texas Instruments TPS2420 Datasheet HTML 2Page - Texas Instruments TPS2420 Datasheet HTML 3Page - Texas Instruments TPS2420 Datasheet HTML 4Page - Texas Instruments TPS2420 Datasheet HTML 5Page - Texas Instruments TPS2420 Datasheet HTML 6Page - Texas Instruments TPS2420 Datasheet HTML 7Page - Texas Instruments TPS2420 Datasheet HTML 8Page - Texas Instruments TPS2420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LTCH
GND
CT
IFLT
IMAX
VIN
1
16
6
5
7
8
9
TPS2420
UDG-09017
EN
(A)
15-V
SMAJ15A
(A)
C
VIN
40.2kW
49.9kW
0.1 mF
IMON
VOUT
13
14
15
10
FLT
PG
63.4kW
}Optional:
tosystem
monitor
(A)
C
LOAD
(A)Requiredonlyinsystemswithleadand/orloadinductance.
11
12
2
3
4
VIN
VIN
VIN
VOUT
VOUT
VOUT
3.0Vto20.0V
TPS2420
www.ti.com
SLUS903D
– JANUARY 2009 – REVISED SEPTEMBER 2011
3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Check for Samples: TPS2420
1
FEATURES
DESCRIPTION
The
TPS2420
provides
highly
integrated
load
2
Integrated 30-m
Ω Pass MOSFET
protection for 3-V to 20-V applications. The TPS2420
3.0-V to 20-V Bus Operation
protects loads, minimizes inrush current, and safely
Programmable Fault Current
shuts down in the event of a fault. The programmable
fault current threshold starts the fault timer while
Programmable Hard Current Limit
allowing the current to pass to the load uninhibited.
Programmable Fault Timer
The programmable current limit threshold sets the
Internal MOSFET Power Limiting Foldback
maximum current allowed into the load, for both
inrush and severe load faults. Both events use the
Latching and Auto-Retry Operation
programmable timer which inhibits all current to the
Analog Current Monitor Output
load when it expires.
Powergood Output
The
dual
protection
thresholds
are
useful
in
Fault Output Indicator
applications such as disk drives. The start-up and
4 mm
× 4 mm QFN
seek currents are typically higher than the nominal
current and during this time the load needs a low
–40°C to 125°C Junction Temperature Range
impedance path to deliver the power. If a failure at
UL Listed - File Number E169910
the load occurs, the current limit does not allow the
current to exceed the programmed threshold. This
APPLICATIONS
protects both the load and the integrity of the power
supply. The internal MOSFET is protected by power
RAID Arrays
limit circuitry which ensures that the MOSFET
Telecommunications
remains within its safe operating area (SOA) during
Plug-In Circuit Boards
all operating states.
Disk Drives
The TPS2420 also allows the system to monitor load
currents with no need for a shunt in the power path.
The gain of the current monitor can be scaled to the
application. Fault and power good outputs are
provided for improved system management and
sequencing control.
This device can be programmed to either latch-off or
retry in the event of a fault. All of this functionality is
packed into a 16-pin 4
× 4 mm QFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420 TI-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAR TI-TPS2420RSAR Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
More results

Descripción similar - TPS2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com