Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22965DSGT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22965DSGT
Descripción Electrónicos  Single Channel, Ultra-Low Resistance Load Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965DSGT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22965DSGT Datasheet HTML 5Page - Texas Instruments TPS22965DSGT Datasheet HTML 6Page - Texas Instruments TPS22965DSGT Datasheet HTML 7Page - Texas Instruments TPS22965DSGT Datasheet HTML 8Page - Texas Instruments TPS22965DSGT Datasheet HTML 9Page - Texas Instruments TPS22965DSGT Datasheet HTML 10Page - Texas Instruments TPS22965DSGT Datasheet HTML 11Page - Texas Instruments TPS22965DSGT Datasheet HTML 12Page - Texas Instruments TPS22965DSGT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
12
13
14
15
16
17
18
19
20
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
VIN (V)
−40C
25C
70C
85C
VBIAS =5.5V, IOUT = −200mA
G061
15
16
17
18
19
20
21
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
VIN (V)
VBIAS = 2.5V
VBIAS = 3.3V
VBIAS = 3.6V
VBIAS= 4.2V
VBIAS = 5V
VBIAS = 5.5V
Temperature=25C, IOUT=−200mA
G062
12
12.5
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
20.5
21
−40
−15
10
35
60
85
Temperature (°C)
VIN =0.8V
VIN =1.05
VIN =1.2
VIN=1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN =3.6V
VIN=4.2V
VIN=5V
VN=5.5V
VBIAS =5.5V, IOUT=−200mA
G064
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
0.8
1.05
1.3
1.55
1.8
2.05
2.3
2.5
VIN (V)
−40C
25C
70C
85C
VBIAS =2.5V, IOUT = −200mA
G060
TPS22965
www.ti.com
SLVSBJ0 – AUGUST 2012
TYPICAL CHARACTERISTICS (continued)
TEMPERATURE vs. RON
VIN vs. RON
(VBIAS = 5.5V)
(VBIAS = 2.5V)
VIN vs. RON
VIN vs. RON
(VBIAS = 5.5V)
(TA = 25°C)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22965


Número de pieza similar - TPS22965DSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22965DSGT TI1-TPS22965DSGT Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Descripción similar - TPS22965DSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
RT9745A RICHTEK-RT9745A Datasheet
243Kb / 16P
   Low Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com