Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS27081ADDCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS27081ADDCR
Descripción Electrónicos  1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS27081ADDCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS27081ADDCR Datasheet HTML 6Page - Texas Instruments TPS27081ADDCR Datasheet HTML 7Page - Texas Instruments TPS27081ADDCR Datasheet HTML 8Page - Texas Instruments TPS27081ADDCR Datasheet HTML 9Page - Texas Instruments TPS27081ADDCR Datasheet HTML 10Page - Texas Instruments TPS27081ADDCR Datasheet HTML 11Page - Texas Instruments TPS27081ADDCR Datasheet HTML 12Page - Texas Instruments TPS27081ADDCR Datasheet HTML 13Page - Texas Instruments TPS27081ADDCR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TPS27081A
SLVSBE9A – APRIL 2012 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS
TA = +25°C
Figure 10. VIN = 5V, R2 = 3.3k
Ω, C1 = 120nF, CL = 10uF
Figure 11. VIN = 5V, R2 = 6.65k
Ω, C1 = 120nF, CL = 470uF
Figure 12. VIN = 1.2V, R2 = 5.23k
Ω, C1 = 120nF, CL = 10uF
Figure 13. VIN = 1.8V, R2 = 5.23k
Ω, C1 = 120nF, CL =
470uF
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS27081A


Número de pieza similar - TPS27081ADDCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
More results

Descripción similar - TPS27081ADDCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS27082L TI-TPS27082L Datasheet
1Mb / 19P
[Old version datasheet]   1.2V - 8V, 3A PFET Load Switch with Adjustable Slew Rate, Fast Transient Isolation and Hysteretic Control
logo
Pan Jit International I...
PJS6630 PANJIT-PJS6630 Datasheet
441Kb / 7P
   20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
PJS6631 PANJIT-PJS6631 Datasheet
431Kb / 7P
   20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
logo
Vishay Siliconix
SI4788CY VISHAY-SI4788CY Datasheet
47Kb / 7P
   5-A Controlled Slew Rate Load Switch with Level Shift
Rev. C, 27-Nov-00
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
   1.2 A Slew Rate Controlled Load Switch
01-Jan-2022
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. E, 22-Aug-11
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com