Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS43336-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS43336-Q1
Descripción Electrónicos  LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43336-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS43336-Q1 Datasheet HTML 3Page - Texas Instruments TPS43336-Q1 Datasheet HTML 4Page - Texas Instruments TPS43336-Q1 Datasheet HTML 5Page - Texas Instruments TPS43336-Q1 Datasheet HTML 6Page - Texas Instruments TPS43336-Q1 Datasheet HTML 7Page - Texas Instruments TPS43336-Q1 Datasheet HTML 8Page - Texas Instruments TPS43336-Q1 Datasheet HTML 9Page - Texas Instruments TPS43336-Q1 Datasheet HTML 10Page - Texas Instruments TPS43336-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TPS43335-Q1
TPS43336-Q1
www.ti.com
SLVSAV6B – JUNE 2011 – REVISED JULY 2012
DC ELECTRICAL CHARACTERISTICS (continued)
VIN = 8 V to 18 V, TJ = –40°C to 150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Side External NMOS Gate Drivers for Buck Controller
5.11
IGX1_peak
Gate-driver peak current
0.7
A
5.12
rDS(on)
Source and sink driver
VVREG = 5.8 V, IGX1 current = 200 mA
4
Ω
Low-Side NMOS Gate Drivers for Buck Controller
5.13
IGX2_peak
Gate driver peak current
0.7
A
5.14
RDS ON
Source and sink driver
VREG = 5.8 V, IGX2 current = 200 mA
4
Ω
Error Amplifier (OTA) for Buck Converters
COMPA, COMPB = 0.8 V,
5.15
GmBUCK
Transconductance
0.72
1
1.35
mS
source/sink = 5 µA, test in feedback loop
5.16
IPULLUP_FBx
Pullup current at FBx pins
FBx = 0 V
50
100
200
nA
6.0
Digital Inputs: ENA, ENB, ENC, SYNC
6.1
VIH
Higher threshold
VIN = 13 V
1.7
V
6.2
VIL
Lower threshold
VIN = 13 V
0.7
V
6.3
RIH_SYNC
Pulldown resistance on SYNC
VSYNC = 5 V
500
k
Ω
6.4
RIL_ENC
Pulldown resistance on ENC
VENC = 5 V
500
k
Ω
Pullup current source on ENA,
6.5
IIL_ENx
VENx = 0 V,
0.5
2
µA
ENB
7.0
Boost Output Voltage: DIV
7.1
VIH_DIV
Higher threshold
VREG = 5.8 V
Vreg – 0.2
V
7.2
VIL_DIV
Lower threshold
0.2
V
7.3
Voz_DIV
Voltage on DIV if unconnected
Voltage on DIV if unconnected
Vreg / 2
V
8.0
Switching Parameter – Buck DC-DC Controllers
8.1
fSW_Buck
Buck switching frequency
RT pin: GND
360
400
440
kHz
8.2
fSW_Buck
Buck switching frequency
RT pin: 60-k
Ω external resistor
360
400
440
kHz
Buck adjustable range with
8.3
fSW_adj
RT pin: external resistor
150
600
kHz
external resistor
8.4
fSYNC
Buck synchronization range
External clock input
150
600
kHz
8.5
fSS
Spread-spectrum spreading
TPS4333-Q1 only
5%
9.0
Internal Gate-Driver Supply
Internal regulated supply
VIN = 8 V to 18 V, EXTSUP = 0 V, SYNC = high
5.5
5.8
6.1
V
9.1
VREG
IVREG = 0 mA to 100 mA, EXTSUP = 0 V,
Load regulation
0.2%
1%
SYNC = high
Internal regulated supply
EXTSUP = 8.5 V
7.2
7.5
7.8
V
9.2
VREG(EXTSUP)
IEXTSUP = 0 mA to 125 mA, SYNC = High
Load regulation
0.2%
1%
EXTSUP = 8.5 V to 13 V
EXTSUP switch-over voltage
IVREG = 0 mA to 100 mA,
9.3
VEXTSUP-th
4.4
4.6
4.8
V
threshold
EXTSUP ramping positive
9.4
VEXTSUP-Hys
EXTSUP switch-over hysteresis
150
250
mV
9.5
IREG-Limit
Current limit on VREG
EXTSUP = 0 V, normal mode as well as LPM
100
400
mA
IREG_EXTSUP-
Current limit on VREG when using
IVREG = 0 mA to 100 mA,
9.6
125
400
mA
Limit
EXTSUP
EXTSUP = 8.5 V, SYNC = High
10.0
Soft Start
10.1
ISSx
Soft-start source current
SSA and SSB = 0 V
0.75
1
1.25
µA
11.0
Oscillator (RT)
11.1
VRT
Oscillator reference voltage
1.2
V
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS43335-Q1 TPS43336-Q1


Número de pieza similar - TPS43336-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
More results

Descripción similar - TPS43336-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com