Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51462RGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51462RGET
Descripción Electrónicos  3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51462RGET Datasheet(HTML) 3 Page - Texas Instruments

  TPS51462RGET Datasheet HTML 1Page - Texas Instruments TPS51462RGET Datasheet HTML 2Page - Texas Instruments TPS51462RGET Datasheet HTML 3Page - Texas Instruments TPS51462RGET Datasheet HTML 4Page - Texas Instruments TPS51462RGET Datasheet HTML 5Page - Texas Instruments TPS51462RGET Datasheet HTML 6Page - Texas Instruments TPS51462RGET Datasheet HTML 7Page - Texas Instruments TPS51462RGET Datasheet HTML 8Page - Texas Instruments TPS51462RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS51462
www.ti.com
SLUSAQ1
– DECEMBER 2011
RECOMMENDED OPERATING CONDITIONS
VALUE
UNIT
MIN
TYP
MAX
VIN, EN, MODE
–0.1
6.5
V5DRV, V5FILT, VBST(with respect to SW)
–0.1
5.5
Input voltage range
VBST
–0.1
11.75
V
VID0, VID1
–0.1
3.5
VOUT
–0.8
2.0
SW
–0.8
6.5
COMP, SLEW, VREF
–0.1
3.5
Output voltage range
V
PGOOD
–0.1
6.5
PGND
–0.1
0.1
Ambient temperature range, TA
-40
85
°C
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VVIN = 5.0 V, VV5DRV = VV5FILT = 5 V, MODE = OPEN, PGND = GND (unless
otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY: VOLTAGE, CURRENTS AND 5 V UVLO
IVINSD
VIN shutdown current
EN =
'LO'
0.02
5
µA
V5VIN
5VIN supply voltage
V5DRV and V5FILT voltage range
4.5
5.0
5.5
V
I5VIN
5VIN supply current
EN =
’HI’, V5DRV + V5FILT supply current
1.6
3.0
mA
I5VINSD
5VIN shutdown current
EN =
‘LO’, V5DRV + V5FILT shutdown current
10
50
µA
VV5UVLO
V5FILT UVLO
Ramp up; EN =
'HI'
4.2
4.3
4.5
V
VV5UVHYS
V5FILT UVLO hysteresis
Falling hysteresis
440
mV
VVREFUVLO
REF UVLO(1)
Rising edge of VREF, EN =
'HI'
1.8
V
VVREFUVHYS
REF UVLO hysteresis(1)
100
mV
VPOR5VFILT
Reset
OVP latch is reset by V5FILT falling below the reset threshold
1.5
2.3
3.1
V
VOLTAGE FEEDBACK LOOP: VREF, VOUT, AND VOLTAGE GM AMPLIFIER
VOUTTOL
VOUT accuracy
VVOUT = 0.8V, No droop
–1.5%
0%
1.5%
VVREF
VREF
IVREF = 0 µA, TA = 25°C
2
V
GM
Transconductance
1
mS
VDM
Differential mode input voltage
0
80
mV
ICOMPSRC
COMP pin maximum sourcing current
VCOMP = 2 V
–80
µA
VOFFSET
Input offset voltage
TA = 25°C
–5
0
5
mV
RDSCH
Output voltage discharge resistance
42
Ω
f–3dbVL
–3dB Frequency(1)
6
MHz
CURRENT SENSE: CURRENT SENSE AMPLIFIER, OVER CURRENT AND ZERO CROSSING
Gain from the current of the low-side FET to PWM comparator
ACSINT
Internal current sense gain
43
50
57
mV/A
when PWM =
"OFF"
IOCL
Positive overcurrent limit (valley)
6.6
A
IOCL(neg)
Negative overcurrent limit (valley)
–6
A
VZXOFF
Zero crossing comp internal offset
0
mV
DRIVERS: BOOT STRAP SWITCH
RDSONBST
Internal BST switch on-resistance
IVBST = 10 mA, TA = 25°C
5
10
Ω
IBSTLK
Internal BST switch leakage current
VVBST = 14 V, VSW = 7 V, TA = 25°C
1
µA
(1)
Ensured by design, not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS51462


Número de pieza similar - TPS51462RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51462RGET TI1-TPS51462RGET Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results

Descripción similar - TPS51462RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com