Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EZR-LEDK1W-917 Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza EZR-LEDK1W-917
Descripción Electrónicos  Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR-LEDK1W-917 Datasheet(HTML) 1 Page - Silicon Laboratories

  EZR-LEDK1W-917 Datasheet HTML 1Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 2Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 3Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 4Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 5Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 6Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 7Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 8Page - Silicon Laboratories EZR-LEDK1W-917 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 0.2 6/12
Copyright © 2012 by Silicon Laboratories
Si4010-RC-DEMO
Si4010-RC-DEMO
Si4010 EZR ADIO® R EMOTE C ONTROL D EMO K IT U SER S
G UIDE
1. Purpose
Thank you for your interest in Silicon Laboratories’ EZRadio Remote Control Demo Kit. The Silicon Laboratories
EZRadio Remote Control Demo Kit (P/N EZR-LEDK1W-XXX) contains everything you need to familiarize yourself
with and evaluate the Si4010 RF SoC transmitter and the Si4355 receiver. The kit has three versions: one for the
434 MHz band, one for the 868 MHz band, and one for the 915 MHz band. The key features of the demo kit are as
follows:
The key fob demo board has five push buttons and one LED output.
The receiver demo board has four LEDs to display received key fob commands.
The provided software pack contains all the documentation and files needed to develop a user application.
The kit supports the use of the Silicon Laboratories Integrated Development Environment (IDE) for
software debugging and the use of the Keil C compiler, assembler, and linker toolchain.
Contains demo applications using API functions and the key fob demo application.
1.1. Kit Content
Table 1. Kit Content
Qty
Part Number
Description
EZR-LEDK1W-434
EZRadio Remote Control Demo Kit 434 MHz
1
4010-KFOB-434
Si4010 Universal Key Fob 434 MHz
1
4355-LED-434-SRX
Si4355 RFStick 434 MHz EZRadio receiver board
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
2
AAA
AAA alkaline battery
1
CRD2032
CR2032 3 V coin battery
EZR-LEDK1W-868
EZRadio Remote Control Demo Kit 868 MHz
1
4010-KFOB-868
Si4010 Universal Key Fob 868 MHz
1
4355-LED-868-SRX
Si435 RFStick 868 MHz EZRadio receiver board
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
2
AAA
AAA alkaline battery
1
CRD2032
CR2032 3 V coin battery
EZR-LEDK1W-915
EZRadio Remote Control Demo Kit 915 MHz
1
4010-KFOB-434
Si4010 Universal Key Fob 434 MHz
1
4355-LED-434-SRX
Si4355 RFStick 434 MHz EZRadio receiver board
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
2
AAA
AAA alkaline battery
1
CRD2032
CR2032 3 V coin battery


Número de pieza similar - EZR-LEDK1W-917

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
EZR-LEDK1W-917 SILABS-EZR-LEDK1W-917 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results

Descripción similar - EZR-LEDK1W-917

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
EZR-LCDK2W-434 SILABS-EZR-LCDK2W-434 Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com