Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si4010-C2-GS Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza Si4010-C2-GS
Descripción Electrónicos  CRYSTAL-LESS SOC RF TRANSMITTER
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4010-C2-GS Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4010-C2-GS Datasheet HTML 1Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 2Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 3Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 4Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 5Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 6Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 7Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 8Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
Rev. 1.0 2/11
Copyright © 2011 by Silicon Laboratories
Si4010
Si4010-C2
C RYSTAL- LESS S OC RF TRANSMITTER
Features
Applications
Description
The Si4010 is a fully integrated crystal-less CMOS SoC RF transmitter with an
embedded CIP-51 8051 MCU. The device can operate over the –40 to 85 °C
temperature range without requiring an external crystal reference source reducing
board area and BOM cost. The device includes an 8 kB non volatile memory block
for programming the user's application along with a 12 kB ROM of embedded
support code for use in the user's application. The Si4010 includes Silicon
Laboratories' 2-wire C2 Debug and Programming interface, which allows
customers to download their code during the development stage into the on-board
RAM for testing and debug prior to programming the NVM.
The Si4010 is designed for low power battery applications with standby currents of
less than 10 nA to optimize battery life and features automatic wake on button
press support to efficiently move from the standby to active mode state with
minimal customer code support. Built in AES-128 hardware encryption along with
a 128-bit EEPROM can be used to create robust data encryption of the
transmitted packets. A unique 4-byte serial number is programmed into each
device ensuring non-overlapping device identifiers.
The RF transmitter features a high efficiency PA capable of delivering output
power up to +10 dBm and includes an automatic antenna tuning algorithm. This
algorithm adjusts the antenna tuning at the start of each packet transmission for
optimal output power minimizing the impact of antenna impedance changes due
to the remote being held in a user hand. The devices supports FSK and OOK
modulations and includes automatic output power shaping to reduce spectral
spreading and ease regulatory compliance. The output frequency can be adjusted
via software over the entire 27 to 960 MHz range. The output data rate is software
adjustable up to a maximum rate of 100 kbps.
Crystal-less operation

Optional crystal oscillator input
High-Speed 8051 µC Core

Pipeline instruction architecture

70% of instructions in 1 or 2 clocks

Up to 24 MIPs with 24 MHz clock

4 kB RAM/8kB NVM

128 bit EEPROM

256 byte of internal data RAM

12 kB ROM embedded functions

8 byte low leakage RAM
Extensive Digital Peripherals

128 bit AES accelerator

5/9 GPIO with wakeup functionality

LED driver

Data serializer

High-speed frequency counter

On-chip debugging: C2

Unique 4 byte serial number

Ultra low-power sleep timer
Single Coin-Cell Battery Operation

Supply voltage: 1.8 to 3.6 V

Standby current < 10 nA
High-performance RF transmitter

Frequency range: 27–960 MHz

+10 dBm output power,
adjustable

Automatic antenna tuning

Symbol rate up to 100 kbps

FSK/OOK modulation

Manchester, NRZ, 4/5 encoder
Analog Peripherals

LDO regulator with POR circuit

Battery voltage monitor
Temperature range –40 to +85 °C
Automotive quality option,
AEC-Q100 (Pending final
qualification testing)
10-pin MSOP/14-pin SOIC
Garage and gate door openers
Remote keyless entry
Home automation and security
Wireless remote controls
Patents pending
Ordering Information:
See page 15.
Pin Assignments
GPIO0/XTAL
Si4010-GT
2
3
6
7
8
4
5
9GPIO2
GPIO3
GPIO4
LED
VDD
TXP
GND
TXM
1
10 GPIO1
Si4010-GS
3
4
9
10
11
5
6
12 GPIO2
GPIO3
C2DAT/GPIO4
C2CLK/LED
VDD
VPP/GPIO0/XTAL
TXP
GND
TXM
2
13 GPIO1
GPIO9 1
14 GPIO8
8
7GPIO6
GPIO7
14-Pin SOIC
10-Pin MSOP


Número de pieza similar - Si4010-C2-GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4010-C2-GS SILABS-Si4010-C2-GS Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
SI4010-C2-GS SILABS-SI4010-C2-GS Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
More results

Descripción similar - Si4010-C2-GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
SI4012 SILABS-SI4012 Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
logo
Fujitsu Component Limit...
MB9G711 FUJITSU-MB9G711 Datasheet
1Mb / 2P
   SoC for 'CD-Less' Car Audio System
logo
List of Unclassifed Man...
TWS-434 ETC2-TWS-434 Datasheet
223Kb / 2P
   RF TRANSMITTER
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com