Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1115S125HN-C1 Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza ADC1115S125HN-C1
Descripción Electrónicos  Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1115S125HN-C1 Datasheet(HTML) 2 Page - Integrated Device Technology

  ADC1115S125HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1115S125HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADC1115S125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
2 of 36
Integrated Device Technology
ADC1115S125
11-bit, 125 Msps ADC; input buffer; CMOS or LVDS DDR digital outputs
3. Applications
4. Ordering information
5. Block diagram
Wireless and wired broadband
communications
Spectral analysis
Portable instrumentation
Ultrasound equipment
Imaging systems
Software defined radio
Digital predistortion loop, power
amplifier linearization
Table 1.
Ordering information
Type number
fs (Msps) Package
Name
Description
Version
ADC1115S125HN-C1 125
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-6
Fig 1.
Block diagram
ADC1115S
SPI
OUTPUT
DRIVERS
OUTPUT
DRIVERS
SYSTEM
REFERENCE AND
POWER
MANAGEMENT
ERROR
CORRECTION AND
DIGITAL
PROCESSING
ADC CORE
11-BIT
PIPELINED
S/H
INPUT
STAGE
INP
OTR
SDIO/ODS
SCLK/DFS
PWD
REFT
CMOS:
D10 to D0
or
LVDS DDR:
D9_D10_P
to D0_D1_P
D9_D10_M
to D0_D1_M
INM
CLOCK INPUT
STAGE AND DUTY
CYCLE CONTROL
REFB
CLKM
CLKP
SENSE
VREF
VCM
005aaa146
CS
OE
INPUT
BUFFER
CMOS:
DAV
or
LVDS DDR:
DAVP
DAVM


Número de pieza similar - ADC1115S125HN-C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1115S125HN-C1 RENESAS-ADC1115S125HN-C1 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results

Descripción similar - ADC1115S125HN-C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com