Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1201D125 Datasheet(PDF) 7 Page - Integrated Device Technology

No. de pieza DAC1201D125
Descripción Electrónicos  Dual 12-bit DAC, up to 125 Msps
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1201D125 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button DAC1201D125 Datasheet HTML 3Page - Integrated Device Technology DAC1201D125 Datasheet HTML 4Page - Integrated Device Technology DAC1201D125 Datasheet HTML 5Page - Integrated Device Technology DAC1201D125 Datasheet HTML 6Page - Integrated Device Technology DAC1201D125 Datasheet HTML 7Page - Integrated Device Technology DAC1201D125 Datasheet HTML 8Page - Integrated Device Technology DAC1201D125 Datasheet HTML 9Page - Integrated Device Technology DAC1201D125 Datasheet HTML 10Page - Integrated Device Technology DAC1201D125 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DAC1201D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
7 of 26
Integrated Device Technology
DAC1201D125
Dual 12-bit DAC, up to 125 Msps
[1]
Guaranteed by design.
Dynamic performance
SFDR
spurious free dynamic
range
B = Nyquist
fs = 52 Msps; fo =1MHz
0 dBFS
-
81
-
dBc
6 dBFS
-
80
-
dBc
12 dBFS
-
74
-
dBc
fs = 52 Msps; 0 dBFS
fo =5.24MHz
-
79
-
dBc
fs = 78 Msps; 0 dBFS
fo =10.4MHz
-
78
-
dBc
fo =15.7MHz
-
71
-
dBc
fs = 100 Msps; 0 dBFS
fo =5.04MHz
-
77
-
dBc
fo = 20.2 MHz
60
69
-
dBc
fs = 125 Msps; 0 dBFS
fo =20.1MHz
-
68
-
dBc
within a window
fs = 52 Msps; fo = 1 MHz;
2MHz span
-89
-
dBc
fs = 52 Msps; fo = 5.24 MHz;
10 MHz span
-87
-
dBc
fs = 78 Msps; fo = 5.26 MHz;
2MHz span
-90
-
dBc
fs = 125 Msps; fo =5.04 MHz;
10 MHz span
79
90
-
dBc
THD
total harmonic distortion
fs = 52 Msps; fo = 1 MHz
-
78
-
dBc
fs = 78 Msps; fo =5.26MHz
-
76
-
dBc
fs = 100 Msps; fo =5.04 MHz
-
74
-
dBc
fs = 125 Msps; fo =20.1 MHz
-
64
60
dBc
MTPR
multitone power ratio
fs = 65 Msps;
2MHz <fo < 2.99 MHz; 8 tones
at 110 kHz spacing at 0 dB
full-scale
-80
-
dBc
NSD
noise spectral density
fs = 100 Msps; fo =5.04 MHz
-
148.7 -
dBm/Hz
cs
channel separation
fs = 78 Msps; fo = 10.4 MHz
-
88.0
-
dBc
fs = 125 Msps; fo = 20.1 MHz
-
83.5
-
dBc
Table 5.
Characteristics …continued
VDDD = VDDA = 3.3 V; AGND and DGND connected together; IO(fs) = 20 mA and Tamb = 40 C to +85 C; typical values
measured at Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - DAC1201D125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125HL NXP-DAC1201D125HL Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Renesas Technology Corp
DAC1201D125HL RENESAS-DAC1201D125HL Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results

Descripción similar - DAC1201D125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com