Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1203D160 Datasheet(PDF) 11 Page - Integrated Device Technology

No. de pieza DAC1203D160
Descripción Electrónicos  Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1203D160 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button DAC1203D160 Datasheet HTML 7Page - Integrated Device Technology DAC1203D160 Datasheet HTML 8Page - Integrated Device Technology DAC1203D160 Datasheet HTML 9Page - Integrated Device Technology DAC1203D160 Datasheet HTML 10Page - Integrated Device Technology DAC1203D160 Datasheet HTML 11Page - Integrated Device Technology DAC1203D160 Datasheet HTML 12Page - Integrated Device Technology DAC1203D160 Datasheet HTML 13Page - Integrated Device Technology DAC1203D160 Datasheet HTML 14Page - Integrated Device Technology DAC1203D160 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DAC1203D160_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
11 of 18
Integrated Device Technology
DAC1203D160
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
normalized frequency fo/fclk
0
1.0
0.8
0.4
0.6
0.2
014aaa535
−100
−60
−140
−20
20
output
(dB)
−180
t (sample)
040
30
10
20
014aaa536
0.2
0
0.4
0.6
normalized output
−0.2
Fig 6. FIR filter frequency response
Fig 7. FIR filter impulse response
Table 7.
Interpolation FIR filter coefficient
Coefficient
Coefficient
Value
H(1)
H(43)
10
H(2)
H(42)
0
H(3)
H(41)
31
H(4)
H(40)
0
H(5)
H(39)
69
H(6)
H(38)
0
H(7)
H(37)
138
H(8)
H(36)
0
H(9)
H(35)
248
H(10)
H(34)
0
H(11)
H(33)
419
H(12)
H(32)
0
H(13)
H(31)
678
H(14)
H(30)
0
H(15)
H(29)
1083
H(16)
H(28)
0
H(17)
H(27)
1776
H(18)
H(26)
0
H(19)
H(25)
3282
H(20)
H(24)
0
H(21)
H(23)
10364
H(22)
-
16384


Número de pieza similar - DAC1203D160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1203D160HW NXP-DAC1203D160HW Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160HW RENESAS-DAC1203D160HW Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results

Descripción similar - DAC1203D160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com