Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC1608T1R0MR Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza CBC1608T1R0MR
Descripción Electrónicos  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC1608T1R0MR Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  CBC1608T1R0MR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
72
12
wound02_e-02
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE INDUCTANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Recommended Land Patterns
Surface Mounting
・Mounting and soldering con-
Mounting and soldering con-
ditions should be checked
beforehand.
・Applicable soldering process
to those products is reflow
soldering only.
・Recommended Land Patterns
CB-series are Wound Chip Inductors having wide line-up, which are suitable
for any circuit designs.
CBC series has large rated current. They contribute to the miniatur-
ization of the power supply circuit.
CBL series has low profile characteristic. They contribute to the low-
ering of the equipments.
CBMF series has a low loss characteristic.
WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
C B △ 2
0
1
2
T
1
0
0 △ △ △ △ △
Type
CB
Wound chip power inductor
Internal code
Special
code
△ Standard
products
R
Low Rdc
type
External Dimensions
〔mm〕
1608(0603) 1.6×0.8
2012(0805) 2.0×1.25
2016(0806) 2.0×1.6
2518(1007) 2.5×1.8
3225(1210) 3.2×2.5
Nominal
Inductance〔μH〕
example
1R0
1
100
10
101
100
※R=decimal point
Characteristic Spec
Standard
C
High current
L
Low profile
MF
Low loss
Inductance
Tolerances〔%〕
K
±10
M
±20
Packaging
T
Tape & Reel
A
A
C
B
REFLOW
OPERATING TEMP.
They are suitable for an anti-noise measure on the power supply circuit
of DSC, DVC, HDD, LCD-TV, mobile phones,PC, game equipments,
various communication equipments and etc..
- 40 ~ 105℃(Including-self-generated heat)
Unit:mm
TYPE
A
B
C
MF1608
0.55
0.7
1.0
2012
0.60
1.0
1.45
2016
0.60
1.0
1.8
2518
0.60
1.5
2.0
3218
0.85
1.7
2.0
3225
0.85
1.7
2.7
Type
L
W
T
e
Standard Quantity [pcs]
Paper
Tape
Embossed
Tape
CBMF1608
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.45±0.15
(0.016±0.006)
3000
CBL2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
0.9±0.1
(0.035±0.004)
0.5±0.2
(0.020±0.008)
4000
CB2012
CBC2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.25±0.2
(0.049±0.008)
0.5±0.2
(0.020±0.008)
3000
CB2016
CBC2016
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.020±0.008)
2000
CB2518
CBC2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.5±0.2
(0.020±0.008)
2000
CBC3225
3.2±0.2
(0.126±0.008)
2.5±0.2
(0.098±0.008)
2.5±0.2
(0.098±0.008)
0.6±0.3
(0.024±0.012)
1000
Unit:mm(inch)
Range
Type
CBMF1608
CBL2012
CB2012
CBC2012
CB2016
CBC2016
CB2518
CBC2518
CBC3225
1
Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω]
290
1μH 0.09
620
1μH
0.15
500
1μH
0.15
700
1μH
0.19
600
1μH 0.09 1100 1μH
0.1
1200 1μH 0.06 1000 1μH 0.08 1440 1μH 0.055
2.2 190
0.17
440
0.39
410
0.23
530
0.33
510
0.13
720
0.2
510
0.09
890
0.13 1130
0.08
10 115
0.36
205
1.0
190
0.7
240
1.2
250
0.5
350
0.82
250
0.25
480
0.36
900
0.133
47 50
2.5
100
4.2
90
3.7
120
5.8
110
2.4
150
4.3
110
0.95
240
1.90
390
0.67
100
47μH
47μH
60
7
47μH
70
4.5
110
8
60
2.1
160
3.7
270
1.4
1000
100μH
100μH
100μH
25
24
60
28
100
13
680μH
1000μH
1000μH


Número de pieza similar - CBC1608T1R0MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CBC16 ETC2-CBC16 Datasheet
206Kb / 2P
   CBC Bench Counting Scales
More results

Descripción similar - CBC1608T1R0MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com