Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51916RUKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51916RUKR
Descripción Electrónicos  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51916RUKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51916RUKR Datasheet HTML 7Page - Texas Instruments TPS51916RUKR Datasheet HTML 8Page - Texas Instruments TPS51916RUKR Datasheet HTML 9Page - Texas Instruments TPS51916RUKR Datasheet HTML 10Page - Texas Instruments TPS51916RUKR Datasheet HTML 11Page - Texas Instruments TPS51916RUKR Datasheet HTML 12Page - Texas Instruments TPS51916RUKR Datasheet HTML 13Page - Texas Instruments TPS51916RUKR Datasheet HTML 14Page - Texas Instruments TPS51916RUKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
6
8
10
12
14
16
18
20
22
Input Voltage (V)
IVDDQ = 0 A
IVDDQ = 20 A
RMODE = 200 kΩ
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.5 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 1 kΩ
VIN = 12 V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
RMODE = 200 kΩ
VIN = 12 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 200 kΩ
VIN = 12 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 1 kΩ
VIN = 12 V
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
Figure 13. Switching Frequency vs Load Current
Figure 14. Switching Frequency vs Load Current
Figure 15. Switching Frequency vs Load Current
Figure 16. Load Regulation
Figure 17. Line Regulation
Figure 18. VTTREF Load Regulation
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - TPS51916RUKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51916RUKR TI1-TPS51916RUKR Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
More results

Descripción similar - TPS51916RUKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com