Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC2016T101MR Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza CBC2016T101MR
Descripción Electrónicos  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2016T101MR Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  CBC2016T101MR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC2016T101MR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
75
12
wound02_e-02
PART NUMBERS
ELECTRICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
3225(1210)TYPE
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB C3225T1R0MR
RoHS
1.0
±20%
250
0.055
2000
1440
0.1
CB C3225T1R5MR
RoHS
1.5
220
0.060
2000
1310
CB C3225T2R2MR
RoHS
2.2
190
0.080
2000
1130
CB C3225T3R3MR
RoHS
3.3
160
0.095
2000
1040
CB C3225T4R7MR
RoHS
4.7
70
0.100
1250
1010
CB C3225T6R8MR
RoHS
6.8
50
0.120
950
940
CB C3225T100□R
RoHS
10
±10%
±20%
23
0.133
900
900
CB C3225T150□R
RoHS
15
20
0.195
730
850
CB C3225T220□R
RoHS
22
17
0.27
620
780
CB C3225T330□R
RoHS
33
13
0.41
500
570
CB C3225T470□R
RoHS
47
10
0.67
390
480
CB C3225T680□R
RoHS
68
8
1.0
320
410
CB C3225T101□R
RoHS
100
6
1.4
270
340
CB C3225T221□R
RoHS
220
3
2.5
190
190
CB C3225T821□R
RoHS
820
1.8
12
110
110
CB C3225T102□R
RoHS
1000
1.6
13
100
100
・□Please specify the Inductance tolerance code(Kor M)
※)The saturation current value(Idc1)is the DC current value having inductance decrease down to 30%.(at 20℃)
※)The temperature rise current value(Idc2)is the DC current value having temperature increase up to 40℃.(at 20℃)
DC Bias characteristics Measured by HP4285A+42841A
DC Bias〔mA〕
CBMF1608
1
10
1
10
100
100
1000
100□
4R7M
1R0M
DC Bias〔mA〕
CBL2012
1
10
1
10
100
100
1000
470M
100M
4R7M
DC Bias〔mA〕
CB2012
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2016
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2016
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2518
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2518
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2012
1
10
0.1
1
10
100
100
1000
1R0M
470□
100□
DC Bias〔mA〕
CBC3225
1
10
0.1
1
10
100
1000
100
10000
1000
1R0MR
101□R
102□R
100□R


Número de pieza similar - CBC2016T101MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
CBC2016T101M TAIYO-YUDEN-CBC2016T101M Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CBC2016T101M TAIYO-YUDEN-CBC2016T101M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2016T101M TAIYO-YUDEN-CBC2016T101M Datasheet
362Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2016T101M8 TAIYO-YUDEN-CBC2016T101M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC2016T101MV TAIYO-YUDEN-CBC2016T101MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Descripción similar - CBC2016T101MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com