Nombre de pieza
         Descripción
IN4148

 SILICON EPITAXIAL PLANAR SWITCHING DIODE ( 1 Page)


SSE
100% 
Zoom Out Zoom In
   
 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURES
• Small glass structure ensures high reliability
• Fast switching
• Low leakage
• High temperature soldering guaranteed:
250
oC/10S/9.5mm lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
• Case: Glass,hermetically sealed
• Polarity: Color band denotes cathode
• Mounting position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
(Ratings at 25
oC ambient temperature unless otherwise specified)
SYMBOL
VALUE
UNITS
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Forward Current (average)
IO
150
mA
Repetitive Forward Peak Current
IFRM
300
mA
Forward Voltage (IF=10mA)
VF
1V
Reverse Current (VR=20V)
25
nA
Reverse Current (VR=75V)
5
µA
Reverse Current (VR=20V,TJ=100
oC)
IR2
50
A
Capacitance
(note 1)
Ct
4
pF
Reverse Recovery Time
(note 2)
IF
4nS
Thermal Resistance (junction to ambient)
(note 3)
Rθ(ja)
0.35
oC/mW
Operating Junction and Storage Temperature Range
TSTG,TJ
-55
+175
oC
Notes:
1: VR=0V, f=1 MHz
2: IF=10mA to IR=1mA, VR=6V, RL=100
3: Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
http://www.sse-diode.com
IN4148
SILICON EPITAXIAL PLANAR
SWITCHING DIODE
REVERSE VOLTAGE: 75V
FORWARD CURRENT: 150mA
RATINGS
IR1
TECHNICAL
SPECIFICATION
DO - 35
Dimensions in inches and (millimeters)
1.0 (25.4)
MIN.
.018 (0.46)
.022 (0.56)
.120 (3.0)
.200 (5.1)
1.0 (25.4)
MIN.
DIA.
.060 (1.5)
.090 (2.3) DIA.
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HVD142Silicon Epitaxial Planar Pin Diode for Antenna Switching 1 2 3 4 5 MoreHitachi Semiconductor
HSK120Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Hitachi Semiconductor
HVL133ASilicon Epitaxial Planar Pin Diode for Antenna Switching 1 2 3 4 5 Renesas Technology Corp
HVC131Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor
HVD132Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor
KDS226SILICON EPITAXIAL PLANAR DIODE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
1S2074Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 MoreHitachi Semiconductor
HSK122Silicon Epitaxial Planar Diode for High Voltage Switching 1 2 3 4 5 MoreHitachi Semiconductor
HVC132Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor
KDS120SILICON EPITAXIAL PLANAR DIODE ULTRA HIGH SPEED SWITCHING 1 KEC(Korea Electronics)

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl