Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BY396 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
BY396 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 2 page 1 2 4 10 8 20 40 60 80 10 0 0 20 40 60 80 TJ =125 8.3ms Single Half Sine-Wave 100 120 140 160 .2 TJ=25 f=1MHz 1 .1 2 4 .4 1.0 2 40 10 20 60 100 4 10 20 40 100 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.02 0.06 0.04 0.1 0.2 0.4 1.0 2 4 10 100 1.8 2.0 TJ=25 Pulse Width=300 µS 0.5 1 1.5 2 2.5 50 125 175 Single Phase Half Wave 60HZ Resistive or Inductive Load 200 75 150 100 3 25 0 PULSE GENERATOR (NOTE2) D.U.T. 1 N.1. 50 N.1. OSCILLOSCOPE (NOTE 1) (+) 50VDC (APPROX) (-) 10 N.1. (-) (+ ) -1.0A -0.25A 0 +0.5A trr 1cm SET TIMEBASEFOR50/100 ns /cm INSTANTANEOUS FORWARD VOLTAGE,VOLTS AMBIENT TEMPERATURE, NOTES:1.RISETIME=7ns MAX. INPUT IMPEDANCE=1M .22pF FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM FIG.4--TYPICAL JUNCTION CAPACITANCE FIG.5--PEAK FORWARD SURGE CURRENT 2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O FIG.3 -- FORWARD DERATING CURVE FIG.2 --TYPICAL FORWARD CHARACTERISTIC REVERSE VOLTAGE,VOLTS NUMBER OF CYCLES AT 60 Hz BY396-BY399 Fast Recovery Rectifiers Ratings AND Charactieristic Curves http://www.luguang.cn mail:lge@luguang.cn |
Número de pieza similar - BY396 |
|
Descripción similar - BY396 |